Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 59 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 134 page
background image
General Release Specification
SIOP Signal Format
MC68HC705P6A — Rev. 1.0
General Release Specification
Serial Input/Output Port
7.3 SIOP Signal Format
The SIOP subsystem is software configurable for master or slave
operation. No external mode selection inputs are available (for instance,
slave select pin).
7.3.1 Serial Clock (SCK)
The state of the SCK output normally remains a logic one during idle
periods between data transfers. The first falling edge of SCK signals the
beginning of a data transfer. At this time, the first bit of received data may
be presented at the SDI pin and the first bit of transmitted data is
presented at the SDO pin (see Figure 7-2). Data is captured at the SDI
pin on the rising edge of SCK. The transfer is terminated upon the eighth
rising edge of SCK.
The master and slave modes of operation differ only by the sourcing of
SCK. In master mode, SCK is driven from an internal source within the
MCU. In slave mode, SCK is driven from a source external to the MCU.
The SCK frequency is dependent upon the SPR0 and SPR1 bits located
in the mask option register. Refer to 11.3 Mask Option Register (MOR)
$1EFF–$1F00 for a description of available SCK frequencies.
Figure 7-2. SIOP Timing Diagram
SCK
SDO
SDI
100 ns
100 ns
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com