Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 60 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 63Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 134 page
background image
Serial Input/Output Port
General Release Specification
MC68HC705P6A — Rev. 1.0
Serial Input/Output Port
7.3.2 Serial Data Input (SDI)
The SDI pin becomes an input as soon as the SIOP subsystem is
enabled. New data may be presented to the SDI pin on the falling edge
of SCK.However, valid data must be present at least 100 nanoseconds
before the rising edge of SCK and remain valid for 100 nanoseconds
after the rising edge of SCK. See Figure 7-2.
7.3.3 Serial Data Output (SDO)
The SDO pin becomes an output as soon as the SIOP subsystem is
enabled. Prior to enabling the SIOP, PB5 can be initialized to determine
the beginning state. While the SIOP is enabled, PB5 cannot be used as
a standard output since that pin is connected to the last stage of the
SIOP serial shift register. Mask option register bit LSBF permits data to
be transmitted in either the MSB first format or the LSB first format. Refer
to 11.3 Mask Option Register (MOR) $1EFF–$1F00 for MOR LSBF
programming information.
On the first falling edge of SCK, the first data bit will be shifted out to the
SDO pin. The remaining data bits will be shifted out to the SDO pin on
subsequent falling edges of SCK. The SDO pin will present valid data at
least 100 nanoseconds before the rising edge of the SCK and remain
valid for 100 nanoseconds after the rising edge of SCK. See Figure 7-2.
7.4 SIOP Registers
The SIOP is programmed and controlled by the SIOP control register
(SCR) located at address $000A, the SIOP status register (SSR) located
at address $000B, and the SIOP data register (SDR) located at address
$000C.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com