Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 50 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 47Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 48Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 49Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 134 page
background image
Input/Output Ports
General Release Specification
MC68HC705P6A — Rev. 1.0
Input/Output Ports
6.3 Port A
Port A is an 8-bit bidirectional port, which does not share any of its pins
with other subsystems (see Figure 6-1). The port A data register is
located at address $0000 and its data direction register (DDR) is located
at address $0004. The contents of the port A data register are
indeterminate at initial power up and must be initialized by user software.
Reset does not affect the data registers, but does clear the DDRs,
thereby setting all of the port pins to input mode. Writing a one to a DDR
bit sets the corresponding port pin to output mode. Port A has mask
option register enabled interrupt capability with an internal pullup device
NOTE:
The keyscan (pullup/interrupt) feature available on port A is NOT
available in the ROM device, MC68HC05P6.
Figure 6-1. Port A I/O and Interrupt Circuitry
READ $0000
WRITE $0000
READ $0004
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0004
DATA DIRECTION
REGISTER BIT
TO IRQ
INTERRUPT SYSTEM
VDD
PULLUP MASK
OPTION REGISTER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com