Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 53 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 49Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
General Release Specification
Port D
MC68HC705P6A — Rev. 1.0
General Release Specification
Input/Output Ports
6.6 Port D
Port D is a 2-bit port with one bidirectional pin (PD5) and one input-only
pin (PD7). Pin PD7 is shared with the 16-bit timer. The port D data
register is located at address $0003 and its data direction register (DDR)
is located at address $0007. The contents of the port D data register are
indeterminate at initial powerup and must be initialized by user software.
Reset does not affect the data registers, but clears the DDRs, thereby
setting PD5 to input mode. Writing a one to DDR bit 5 sets PD5 to output
mode (see Figure 6-4).
Port D may be used for general I/O applications regardless of the state
of the 16-bit timer. Since PD7 is an input-only line, its state can be read
from the port D data register at any time.
Figure 6-4. Port D I/O Circuitry
READ $0003
WRITE $0003
READ $0007
DATA
REGISTER BIT
I/O
PIN
OUTPUT
INTERNAL HC05
DATA BUS
RESET
(RST)
WRITE $0007
DATA DIRECTION
REGISTER BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com