Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 61 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 63Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 64Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
General Release Specification
SIOP Registers
MC68HC705P6A — Rev. 1.0
General Release Specification
Serial Input/Output Port
7.4.1 SIOP Control Register (SCR)
This register is located at address $000A and contains two bits.
Figure 7-3 shows the position of each bit in the register and indicates
the value of each bit after reset.
SPE — Serial Peripheral Enable
When set, the SPE bit enables the SIOP subsystem such that
SDO/PB5 is the serial data output, SDI/PB6 is the serial data input,
and SCK/PB7 is a serial clock input in the slave mode or a serial clock
output in the master mode. Port B DDR and data registers can be
manipulated as usual (except for PB5); however, these actions could
affect the transmitted or received data.
The SPE bit is readable at any time. However, writing to the SIOP
control register while a transmission is in progress will cause the SPIF
and DCOL bits in the SIOP status register (see below) to operate
incorrectly. Therefore, the SIOP control register should be written
once to enable the SIOP and then not written to until the SIOP is to
be disabled. Clearing the SPE bit while a transmission is in progress
will 1) abort the transmission, 2) reset the serial bit counter, and 3)
convert the port B/SIOP port to a general-purpose I/O port. Reset
clears the SPE bit.
MSTR — Master Mode Select
When set, the MSTR bit configures the serial I/O port for master
mode. A transfer is initiated by writing to the SDR. Also, the SCK pin
becomes an output providing a synchronous data clock dependent
upon the oscillator frequency. When the device is in slave mode, the
SDO and SDI pins do not change function. These pins behave exactly
the same in both the master and slave modes.
$000A
Bit 7
654321
Bit 0
Read:
0
SPE
0
MSTR
0000
Write:
Reset:
00000000
= Unimplemented
Figure 7-3. SIOP Control Register (SCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com