Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 81 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 77Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 134 page
background image
General Release Specification
A/D Status and Control Register (ADSC)
MC68HC705P6A — Rev. 1.0
General Release Specification
Analog Subsystem
CH2–CH0 — Channel Select Bits
CH2, CH1, and CH0 form a 3-bit field which is used to select an input
to the A/D converter. Channels 0–3 correspond to port C input pins
PC6–PC3. Channels 4–6 are used for reference measurements.
Channel 7 is reserved. If a conversion is attempted with channel 7
selected, the result will be $00. Table 9-1 lists the inputs selected by
bits CH0-CH3.
If the ADON bit is set and an input from channels 0–4 is selected, the
corresponding port C pin’s DDR bit will be cleared (making that port
C pin an input). If the port C data register is read while the A/D is on
and one of the shared input channels is selected using bit CH0–CH2,
the corresponding port C pin will read as a logic zero. The remaining
port C pins will read normally. To digitally read a port C pin, the A/D
subsystem must be disabled (ADON = 0), or input channels 5–7 must
be selected.
Table 9-1. A/D Multiplexer Input
Channel Assignments
Channel
Signal
0
AD0 — Port C, Bit 6
1
AD1 — Port C, Bit 5
2
AD2 — Port C, Bit 4
3
AD3 — Port C, Bit 3
4VREFH — Port C, Bit 7
5(VREFH + VSS)/2
6VSS
7
Reserved for Factory Test
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com