Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 34 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 30Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 36Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 37Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 134 page
background image
Operating Modes
General Release Specification
MC68HC705P6A — Rev. 1.0
Operating Modes
IRQ external interrupt is enabled. All other registers and memory remain
unaltered. All input/output lines remain unchanged.
The MCU can be brought out of stop mode only by an IRQ external
interrupt or an externally generated RESET. When exiting stop mode,
the internal oscillator will resume after a 4064 internal clock cycle
oscillator stabilization delay.
NOTE:
Execution of the STOP instruction when the SWAIT bit in the MOR is
clear will cause the oscillator to stop, and, therefore, disable the COP
watchdog timer. To avoid turning off the COP watchdog timer, stop
mode should be changed to halt mode by setting the SWAIT bit in the
MOR. See 3.6 COP Watchdog Timer Considerations for additional
information.
3.5.1.2 Halt Mode
NOTE:
Halt mode is NOT designed for intentional use. Halt mode is only
provided to keep the COP watchdog timer active in the event a STOP
instruction is executed inadvertantly. This mode of operation is usually
achieved by invoking wait mode.
Execution of the STOP instruction when the SWAIT bit in the MOR is set
places the MCU in this low-power mode. Halt mode consumes the same
amount of power as wait mode (both halt and wait modes consume more
power than stop mode).
In halt mode, the internal clock is halted, suspending all processor and
internal bus activity. Internal timer clocks remain active, permitting
interrupts to be generated from the 16-bit timer or a reset to be
generated from the COP watchdog timer. Execution of the STOP
instruction automatically clears the I bit in the condition code register,
enabling the IRQ external interrupt. All other registers, memory, and
input/output lines remain in their previous states.
If the 16-bit timer interrupt is enabled, it will cause the processor to exit
the halt mode and resume normal operation. The halt mode also can be
exited when an IRQ external interrupt or external RESET occurs. When
exiting the halt mode, the internal clock will resume after a delay of one
to 4064 internal clock cycles. This varied delay time is the result of the
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com