Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 75Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 76Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 77Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 134 page
background image
General Release Specification
Digital Section
MC68HC705P6A — Rev. 1.0
General Release Specification
Analog Subsystem
9.5 Digital Section
The following paragraphs describe the operation and performance of
digital modules within the analog subsystem.
9.5.1 Conversion Times
Each input conversion requires 32 internal clock cycles, which must be
at a frequency equal to or greater than 1 MHz.
9.5.2 Internal versus External Oscillator
If the internal clock is 1 MHz or greater (i.e., external oscillator 2 MHz or
greater), the internal RC oscillator must be turned off and the external
oscillator used as the conversion clock.
If the MCU internal clock frequency is less than 1 MHz (2 MHz external
oscillator), the internal RC oscillator (approximately 1.5 MHz) must be
used for the A/D converter clock. The internal RC clock is selected by
setting the ADRC bit in the ADSC register.
When the internal RC oscillator is being used, these limitations apply:
1. Since the internal RC oscillator is running asynchronously with
respect to the internal clock, the conversion complete bit (CC) in
register ADSC must be used to determine when a conversion
sequence has been completed.
2. Electrical noise will slightly degrade the accuracy of the A/D
converter. The A/D converter is synchronized to read voltages
during the quiet period of the clock driving it. Since the internal and
external clocks are not synchronized, the A/D converter will
occasionally measure an input when the external clock is making
a transition.
9.5.3 Multi-Channel Operation
An input multiplexer allows the A/D converter to select from one of four
external analog signals. Port C pins PC3 through PC6 are shared with
the inputs to the multiplexer.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com