Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 62 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 63Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 64Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 65Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 134 page
background image
Serial Input/Output Port
General Release Specification
MC68HC705P6A — Rev. 1.0
Serial Input/Output Port
The MSTR bit is readable and writeable at any time regardless of the
state of the SPE bit. Clearing the MSTR bit will abort any transfers that
may have been in progress. Reset clears the MSTR bit as well as the
SPE bit, disabling the SIOP subsystem.
7.4.2 SIOP Status Register (SSR)
This register is located at address $000B and contains two bits.
Figure 7-4 shows the position of each bit in the register and indicates
the value of each bit after reset.
SPIF — Serial Port Interface Flag
SPIF is a read-only status bit that is set on the last rising edge of SCK
and indicates that a data transfer has been completed. It has no effect
on any future data transfers and can be ignored. The SPIF bit is
cleared by reading the SSR followed by a read or write of the SDR. If
the SPIF is cleared before the last rising edge of SCK, it will be set
again on the last rising edge of SCK. Reset clears the SPIF bit.
DCOL — Data Collision
DCOL is a read-only status bit which indicates that an illegal access
of the SDR has occurred. The DCOL bit will be set when reading or
writing the SDR after the first falling edge of SCK and before SPIF is
set. Reading or writing the SDR during this time will result in invalid
data being transmitted or received.
The DCOL bit is cleared by reading the SSR (when the SPIF bit is set)
followed by a read or write of the SDR. If the last part of the clearing
sequence is done after another transfer has started, the DCOL bit will
be set again. Reset clears the DCOL bit.
$000B
Bit 7
654321
Bit 0
Read:
SPIF
DCOL
000000
Write:
Reset:
00000000
= Unimplemented
Figure 7-4. SIOP Status Register (SSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com