Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 134 page
background image
Serial Input/Output Port
General Release Specification
MC68HC705P6A — Rev. 1.0
Serial Input/Output Port
7.2 Introduction
The simple synchronous serial I/O port (SIOP) subsystem is designed to
provide efficient serial communications between peripheral devices or
other MCUs. The SIOP is implemented as a 3-wire master/slave system
with serial clock (SCK), serial data input (SDI), and serial data output
(SDO). A block diagram of the SIOP is shown in Figure 7-1. A mask
programmable option determines whether the SIOP is MSB or LSB first.
The SIOP subsystem shares its input/output pins with port B. When the
SIOP is enabled (SPE bit set in register SCR), port B DDR and data
registers are modified by the SIOP. Although port B DDR and data
registers can be altered by application software, these actions could
affect the transmitted or received data.
Figure 7-1. SIOP Block Diagram
8-BIT
SHIFT
REGISTER
STATUS
REGISTER
BAUD
RATE
CONTROL
REGISTER
GENERATOR
HCO5 INTERNAL BUS
INTERNAL
CPU CLOCK
SCK
SDI
SDO
76 54 32 10
765 43 21 0
76 54 32 10
I/O
$0B
$0C
$0A
CONTROL
LOGIC
SPE
SDI/PB6
SCK/PB7
SDO/PB5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com