Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 94 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 90Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
Mask Option Register (MOR)
General Release Specification
MC68HC705P6A — Rev. 1.0
Mask Option Register (MOR)
11.4 MOR Programming
The contents of the MOR should be programmed in bootloader mode
using the hardware shown in Figure 10-2. In order to allow
programming, all the implemented bits in the MOR are essentially read-
write bits in bootloader mode as shown in Figure 11-1.
The programming of the MOR is the same as user EPROM.
1. Set the ELAT bit in the EPROG register.
2. Write the desired data to the desired MOR address.
3. Set the EPGM bit in the EPROG.
4. Wait for the programming time (tEPGM).
5. Clear the ELAT and EPGM bits in the EPROG.
6. Remove the programming voltage from the IRQ/VPP pin.
A sample routine to program a byte of EPROM is shown in Table 11-2.
Once the MOR bits have been programmed, the options are not loaded
into the MOR registers until the part is reset.
Table 11-2. MOR Programming Routine
001C
00FF
0023
1EFF
1F00
0000
EPROG
DATA2
DATA1
MOR2
MOR1
EPGM
EQU
$1C
EQU
$FF
EQU
#23
EQU
$1EFF
EQU
$1F00
EQU
$00
PROGRAMMING REG
SAMPLE MOR VALUES
MOPR ADDRESSES
EPGM BIT IN EPROG REG
00E0
ORG
$E0
00E0
00E2
00E4
00E6
00E9
00EB
00ED
00EF
A6 04
B7 1C
A6 FF
C7 1E FF
12 1C
AD 03
3F 1C
81
LDA
#$04
STA
EPROG
LDA
#DATA2
STA
MOR2
BSET EPGM,EPROG
BSR
DELAY
CLR
EPROG
RTS
SET ELAT BIT
IN EPGM REG AT $1C
DATA BYTE
WRITE IT TO MOR LOC
TURN ON PGM VOLTAGE
WAIT 4 ms MINIMUM
CLR EPGM REGISTER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com