Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 54 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 52Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 53Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 54Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 55Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 134 page
background image
Input/Output Ports
General Release Specification
MC68HC705P6A — Rev. 1.0
Input/Output Ports
6.7 I/O Port Programming
Each pin on port A through port D (except pin 7 of port D) can be
programmed as an input or an output under software control as shown
in Table 6-1, Table 6-2, Table 6-3, and Table 6-4. The direction of a pin
is determined by the state of its corresponding bit in the associated port
data direction register (DDR). A pin is configured as an output if its
corresponding DDR bit is set to a logic one. A pin is configured as an
input if its corresponding DDR bit is cleared to a logic zero.
Table 6-1. Port A I/O Functions
DDRA
I/O Pin Mode
Accesses to
DDRA @ $0004
Accesses to Data
Register @ $0000
Read/Write
Read
Write
0
IN, Hi-Z
DDRA0–DDRA7
I/O Pin
See Note
1
OUT
DDRA0–DDRA7
PA0–PA7
PA0–PA7
NOTE: Does not affect input, but stored to data register
Table 6-2. Port B I/O Functions
DDRB
I/O Pin Mode
Accesses to
DDRB @ $0005
Accesses to Data
Register @ $0001
Read/Write
Read
Write
0
IN, Hi-Z
DDRB5–DDRB7
I/O Pin
See Note
1
OUT
DDRB5–DDRB7
PB5–PB7
PB5–PB7
NOTE: Does not affect input, but stored to data register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com