Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 74Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 75Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 76Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 77Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 134 page
background image
Analog Subsystem
General Release Specification
MC68HC705P6A — Rev. 1.0
Analog Subsystem
9.3 Analog Section
The following paragraphs describe the operation and performance of
analog modules within the analog subsystem.
9.3.1 Ratiometric Conversion
The A/D converter is ratiometric, with pin VREFH supplying the high
reference voltage. Applying an input voltage equal to VREFH produces a
conversion result of $FF (full scale). Applying an input voltage equal to
VSS produces a conversion result of $00. An input voltage greater than
VREFH will convert to $FF with no overflow indication. For ratiometric
conversions, VREFH should be at the same potential as the supply
voltage being used by the analog signal being measured and referenced
to VSS.
9.3.2 Reference Voltage (V
REFH
)
The reference supply for the A/D converter shares pin PC7 with port C.
The low reference is tied to the VSS pin internally. VREFH can be any
voltage between VSS and VDD; however, the accuracy of conversions is
tested and guaranteed only for VREFH = VDD.
9.3.3 Accuracy and Precision
The 8-bit conversion result is accurate to within
±1 1/2 LSB, including
quantization; however, the accuracy of conversions is tested and
guaranteed only with external oscillator operation.
9.4 Conversion Process
The A/D reference inputs are applied to a precision digital-to-analog
converter. Control logic drives the D/A and the analog output is
successively compared to the selected analog input which was sampled
at the beginning of the conversion cycle. The conversion process is
monotonic and has no missing codes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com