Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 31Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 32Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 33Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 34Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 35Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 36Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 37Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 38Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
General Release Specification
Low-Power Modes
MC68HC705P6A — Rev. 1.0
General Release Specification
Operating Modes
halt mode exit circuitry testing the oscillator stabilization delay timer (a
feature of the stop mode), which has been free-running (a feature of the
wait mode).
3.5.2 WAIT Instruction
The WAIT instruction places the MCU in a low-power mode which
consumes more power than stop mode. In wait mode, the internal clock
is halted, suspending all processor and internal bus activity. Internal
timer clocks remain active, permitting interrupts to be generated from the
16-bit timer and reset to be generated from the COP watchdog timer.
Execution of the WAIT instruction automatically clears the I bit in the
condition code register, enabling the IRQ external interrupt. All other
registers, memory, and input/output lines remain in their previous state.
If the 16-bit timer interrupt is enabled, it will cause the processor to exit
wait mode and resume normal operation. The 16-bit timer may be used
to generate a periodic exit from wait mode. Wait mode may also be
exited when an IRQ external interrupt or RESET occurs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com