Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 109Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 110Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 111Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 112Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 113Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 114Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 115Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 116Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 134 page
background image
General Release Specification
Instruction Set Summary
MC68HC705P6A — Rev. 1.0
General Release Specification
Instruction Set
BIH
rel
Branch if IRQ Pin High
PC
← (PC) + 2 + rel ? IRQ = 1 — — — — —
REL
2F
rr
3
BIL
rel
Branch if IRQ Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0 — — — — —
REL
2E
rr
3
BIT #
opr
BIT
opr
BIT
opr
BIT
opr,X
BIT
opr,X
BIT ,X
Bit Test Accumulator with Memory Byte
(A)
∧ (M)
— — ¤
¤ —
IMM
DIR
EXT
IX2
IX1
IX
A5
B5
C5
D5
E5
F5
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
BLO
rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? C = 1
— — — — —
REL
25
rr
3
BLS
rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? C ∨ Z = 1 — — — — —
REL
23
rr
3
BMC
rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? I = 0
— — — — —
REL
2C
rr
3
BMI
rel
Branch if Minus
PC
← (PC) + 2 + rel ? N = 1
— — — — —
REL
2B
rr
3
BMS
rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? I = 1
— — — — —
REL
2D
rr
3
BNE
rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? Z = 0
— — — — —
REL
26
rr
3
BPL
rel
Branch if Plus
PC
← (PC) + 2 + rel ? N = 0
— — — — —
REL
2A
rr
3
BRA
rel
Branch Always
PC
← (PC) + 2 + rel ? 1 = 1
— — — — —
REL
20
rr
3
BRCLR
n opr rel Branch if Bit n Clear
PC
← (PC) + 2 + rel ? Mn = 0
— — — — ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN
rel
Branch Never
PC
← (PC) + 2 + rel ? 1 = 0
— — — — —
REL
21
rr
3
BRSET
n opr rel Branch if Bit n Set
PC
← (PC) + 2 + rel ? Mn = 1
— — — — ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET
n opr
Set Bit n
Mn
← 1
—————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR
rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
— — — — —
REL
AD
rr
6
CLC
Clear Carry Bit
C
← 0
— — — — 0
INH
98
2
CLI
Clear Interrupt Mask
I
← 0
— 0 — — —
INH
9A
2
Table 13-6. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
HIN Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com