Electronic Components Datasheet Search
  English  ▼

X  

HC705P6AGRS/D Datasheet(PDF) 120 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 116Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 117Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 118Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 119Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 120Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 121Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 122Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 123Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 134 page
background image
Electrical Specifications
General Release Specification
MC68HC705P6A — Rev. 1.0
Electrical Specifications
14.3 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep V
IN and VOUT within the range
V
SS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either V
SS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 14.6 DC Electrical Characteristics (VDD = 5.0 V) and
14.7 DC Electrical Charactertistics (VDD = 3.3 V) for guaranteed
operating conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
VSS –0.3 to
VDD +0.3
V
Bootloader Mode (IRQ/VPP Pin Only)
VIN
VSS –0.3 to
2 x VDD +0.3
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Storage Temperature Range
Tstg
–65 to +150
°C
NOTE: Voltages are referenced to VSS.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com