Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AD1986A
Rev. 0 | Page 31 of 56
Register
ADC
ADC Status
VREF_OUT pin output states controlled by the CVREF, MVREF, and LVREF controls in Register 0x70.
REF
VREF Status
0
Voltage References, VREF and VREF_OUT not ready.
REF (RO)
(Voltage
References, VREF
and VREF_OUT
status (read
only))
1
Voltage References, VREF, and VREF_OUT up to nominal level.
PR0
All ADCs and input selectors’ power down: clearing this bit enables VREF regardless of the state of PR3.
Default: all ADCs and input muxes powered on (0x0).
PR1
Front DACs power-down. Also powers down the EQ circuitry. Clearing this bit enables VREF regardless of the state of
PR3. Default: all DACs and EQ powered on (0x0).
PR2
Analog mixer power-down. (valid if PR7 = 0).
Default: analog mixer powered on (0x0).
PR3
All VREF and VREF_OUT pins power-down. May be used in combination with PR2 or by itself. If all the ADCs and DACs
are not powered down, setting this bit will have no effect on the VREF and will only power down VREF_OUT.
Default: All VREFand VREF_OUT pins powered on (0x0).
PR4
AC-Link Interface power-down. The reference and the mixer can be either up or down, but all power-up sequences
must be allowed to run to completion before PR5 and PR4 are both set. In multiple-codec systems, the master codec’s
PR4 bit controls the slave codec. In the slave codec the PR4 bit has no effect except to enable or disable PR5.
Default: AC-link Interface powered on (0x0).
PR5
Internal Clocks disabled.
PR5 has no effect unless all ADCs, DACs, and the AC-Link are powered down (for example, PR0, PR1, PR4). The reference
and the mixer can be either up or down, but all power-up sequences must be allowed to run to completion before PR5
and PR4 are both set. In multiple codec systems, the master codec’s PR5 controls the slave codec. PR5 is effective in the
slave codec if the master's PR5 bit is clear. Default: internal clocks enabled (0x0).
PR6
Powers down the headphone amplifiers.
Default: HP amp powered on (0x0).
EAPD
EAPD Pin Status
0
Sets the EAPD pin low, enabling an external power amplifier.
Default
EAPD
1
Sets the EAPD pin high, shutting the external power amplifier off.
x
Reserved.
Default: 0
EXTENDED AUDIO ID (REGISTER 0x28)
The extended audio ID register identifies which extended audio features are supported. A nonzero extended audio ID value indicates one
or more of the extended audio features are supported.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x28
Ext’d Audio ID
ID1
ID0
x
X
REV1
REV0
AMAP
LDAC
SDAC
CDAC
DSA1
DSA0
x
SPDF
DRA
VRA
0x0BC7
Table 90.
Register
Description
Setting
Function
VRA (RO)
Variable rate PCM audio: read only
= 1
Variable rate PCM audio supported
SPDIF (RO)
SPDIF support: read only
= 1
SPDIF transmitter supported (IEC958)
DRA (RO)
Double rate audio: read only
= 1
Double rate audio supported for DAC0 L/R
DSA [1:0]
DAC slot assignment (read/write)
Front DAC
Surround DAC
C/LFE DAC
Default
DSA [1:0]
Left
Right
Left
Right
Left
Right
00
3
4
7
8
6
9
Default
01
7
8
6
9
10
11
10
6
9
10
11
3
4
11
10
11
3
4
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com