Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices AD1986ABSTZ Datasheet HTML 42Page - Analog Devices AD1986ABSTZ Datasheet HTML 43Page - Analog Devices AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
AD1986A
Rev. 0 | Page 42 of 56
Register
Function
Default
This bit selects the audio interrupt implementation path. Note that this bit does not generate an interrupt, rather it steers the
path of the generated interrupt.
INTS
Interrupt Mode
0
Bit 0 Slot 12 (modem interrupt)
Default
INTS
(Interrupt
Mode
Select)
1
Slot 6 valid bit (MIC ADC interrupt)
These bits select the internal digital loop-back path when LPBK bit is active (see Register 0x20).
LBKS [1:0]
Interrupt Mode
00
Loop back through the front DACs
Default
01
Loop back through the surround DACs
10
Loop back through the center and LFE DACs (center
DAC loops back from the ADC left channel, the LFE
DAC from the ADC right channel)
LBKS [1:0]
Loop-Back
Selection
11
Reserved
Use this bit to enable S/PDIF operation even if the external S/PDIF detection resistor is not installed.
SPOVR
S/PDIF Detection
0
External resistor determines the presence of
S/PDIF
Default
SPOVR
(S/PDIF
Enable
Override)
1
Enable S/PDIF operation
Selects the source of the microphone gain boost amplifiers. These bits work in conjuction with the 2CMIC (0x76, D06),
MS (0x20 D08), and MMIX (0x7A D08) bits.
OMS [2:0]
Left Channel
000
MIC pins
Default
001
LINE_IN pins
01x
C/LFE pins
100
Mix of MIC and C/LFE pins
101
Mix of MIC and LINE_IN pins
110
Mix of LINE_IN and C/LFE pins
OMS [2:0]
Optional
Microphone
Selector
111
Mix of MIC, LINE_IN and C/LFE pins
REGM [3:0]
Bit mask indicating which codec is being accessed in a chained codec configuration.
REGM0—Master codec register mask
Default
REGM1—Slave 1 codec register mask
REGM2—Slave 2 codec register mask
REGM3—Slave 3 codec register mask
SLOT 16
Enable 16-bit slot mode: SLOT16 makes all AC link slots 16 bits in length, formatted into 16 slots. This is a preferred mode for
DSP serial port interfacing.
SLOT 16
Function
0
Standard AC ’97 operation
Default
1
All ac link S slots are 16 bits
x
Reserved
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com