Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 31Page - Analog Devices AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices AD1986ABSTZ Datasheet HTML 37Page - Analog Devices AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
AD1986A
Rev. 0 | Page 35 of 56
C/LFE DAC VOLUME (REGISTER 0x36)
This register controls the CENTER/LFE DAC gain and mute to the output selector section. The volume register contains five bits,
generating 32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB.
Note that the left/right association of the center and LFE channels can be swapped at the codec outputs by setting the CSWP bit in
Register 0x74. These controls remain unchanged regardless of the state of CSWP.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x36
C/LFE
DAC
Volume
LFEM
x
x
LFE4
LFE3
LFE2
LFE1
LFE0
CNTM
x
x
CNT4
CNT3
CNT2
CNT1
CNT0
0x8888
Table 96.
Register
Function
Controls the gain of the center channel to the output selector section from +12.0 dB to −34.5 dB. The least significant
bit represents −1.5 dB.
CNTM
CNT [4:0]
Function
Default
0
0 0000
+12 dB gain
0
0 1000
0 dB attenuation
Default
0
1 1111
−34.5 dB attenuation
CNT [4:0]
(Center Volume)
1
x xxxx
Muted
CNTM
(Center Mute)
Mutes the center channel.
Default: muted (0x1)
Controls the gain of the LFE channel to the output selector section from +12.0 dB to −34.5 dB. The least significant bit
represents −1.5 dB.
LFEM
LFE[4:0]
Function
0
0 0000
+12 dB gain
0
0 1000
0 dB attenuation
Default
0
1 1111
−34.5 dB attenuation
LFE [4:0]
(LFE Volume)
1
x xxxx
Muted
LFEM
(LFE Mute)
Mutes the LFE channel.
Default: muted (0x1)
x
Reserved.
Default: 0
SURROUND DAC VOLUME (REGISTER 0x38)
This register controls the surround DAC gain and mute to the output selector section. The volume register contains five bits, generating
32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x18
Surround
DAC
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 97.
Register
Function
Controls the left/right channel gains of this input to the output selector section from +12 dB to -34.5 dB. The least
significant bit represents −1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
+12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Muted
L/RM
(Left/Right
Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com