Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 37Page - Analog Devices AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices AD1986ABSTZ Datasheet HTML 42Page - Analog Devices AD1986ABSTZ Datasheet HTML 43Page - Analog Devices AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
AD1986A
Rev. 0 | Page 41 of 56
REF
JS1
JS0
JSMT2
JSMT1
JSMT0
HP
OUT
LINE
OUT
C/LFE
OUT
SURR
OUT
MONO
OUT
NOTES
20
OUT (0)
OUT (0)
1
0
1
FMUTE
FMUTE
FMUTE
FMUTE
ACTIVE
JS0 no mute action
21
OUT (0)
IN (1)
1
0
1
FMUTE
FMUTE
FMUTE
FMUTE
ACTIVE
JS1 mutes mono and enables
all rear.
22
IN (1)
OUT (0)
1
0
1
ACTIVE
ACTIVE
ACTIVE
ACTIVE
FMUTE
23
IN (1)
IN (1)
1
0
1
ACTIVE
ACTIVE
ACTIVE
ACTIVE
FMUTE
Standard six channel
configuration swapped
HP_OUT and LINE_OUT
24
OUT (0)
OUT (0)
1
1
0
**
**
**
**
**
**RESERVED
25
OUT (0)
IN (1)
1
1
0
**
**
**
**
**
26
IN (1)
OUT (0)
1
1
0
**
**
**
**
**
27
IN (1)
IN (1)
1
1
0
**
**
**
**
**
28
OUT (0)
OUT (0)
1
1
1
**
**
**
**
**
**RESERVED
29
OUT (0)
IN (1)
1
1
1
**
**
**
**
**
30
IN (1)
OUT (0)
1
1
1
**
**
**
**
**
31
IN (1)
IN (1)
1
1
1
**
**
**
**
**
FMUTE = Output is forced to mute independent of the respective volume register setting.
ACTIVE = Output is not muted and its status is dependent on the respective volume register setting.
OUT = Nothing is plugged into the jack and therefore the JS status is 0 (via the load resistor pull-down action).
IN = Jack has plug inserted and therefore the JS status is 1 (via the codec JS pin internal pull-up).
SERIAL CONFIGURATION (REGISTER 0x74)
When Register 0x00 is written (soft reset) the SLOT 16, REGM [2:0], SPOVR, SPAL, SPDZ, and SPLNK bits do not reset. All bits are reset
on a hardware reset or power-on reset.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x74
Serial
Configuration
SLOT
16
REGM2
REGM1
REGM0
REGM3
OMS2
OMS1
OM0
SPOVR
LBKS1
LBKS0
INTS
CSWP
SPAL
SPDZ
SP
LNK
0x1001
Table 105.
Register
Function
Default
This bit enables S/PDIF to link with the front DACs for data requesting. When linked, the S/PDIF and front DACs should be set
to the same data rate because they both generate data requests at the front DACs request rate.
SPLNK
Function
0
S/PDIF and front DACs are not linked
SPLNK
(S/PDIF
LINK)
1
S/PDIF and front DACs are linked
Default
Sets data fill mode for S/PDIF transmitter FIFO under-runs. When this bit is set to on (1), the S/PDIF and ADC rates should be
set to the same rate.
SPDZ
On Under-Runs
0
Repeat last sample out the S/PDIF stream
Default
SPDZ
(S/PDIF
DACZ)
1
Forces midscale sample out the S/PDIF stream
SPAL
S/PDIF Transmitter Source
0
Connected to the AC-LINK stream
Default
SPAL
(S/PDIF
ADC Loop
Around)
1
Connected to the digital ADC stream
Swaps the center/LFE channels. Some systems have a swapped external connection for the center and LFE channels. Setting
this bit will swap these channels internal to the codec. The center and LFE controls do not change and remain at the same
addresses and bit assignments.
CSWP
CENTER Pin
LFE Pin
0
Center channel
LFE channel
Default
(CSWP
Center/LFE
Swap)
1
LFE channel
Center channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com