Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices AD1986ABSTZ Datasheet HTML 52Page - Analog Devices AD1986ABSTZ Datasheet HTML 53Page - Analog Devices AD1986ABSTZ Datasheet HTML 54Page - Analog Devices AD1986ABSTZ Datasheet HTML 55Page - Analog Devices AD1986ABSTZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
AD1986A
Rev. 0 | Page 52 of 56
Register
Function
Default
0x09
Mono headset (mono speaker left channel and mic. Read Functions 5 and 6 for
matching microphone)
0x0A
Allows a vendor to report sensing other type of devices/peripherals. SR [5:0]
together with OR [1:0] provide information regarding the type of device sensed
0x0B–0x0E
Reserved
0x0F
Unknown (use fingerprint)
0x10–0x1F
Reserved
S [4:0] (RO)
Sensed bits (when input sense cycle initiated). This field allows for the reporting of the type of input peripheral/device
plugged in the jack. Specified values should be interrogated with the SR [5:0] and OR [1:0] bits for accurate reporting.
ST [2:0]
Sense Value
0x10
Data not valid. Indicates that the reported value(s) is invalid
0x11
No connection. Indicates that there are no connected devices
Default
0x12
Indicates a specific fingerprint value for devices that are not specified or are
unknown
0x13
Microphone (mono)
0x14
Microphone (stereo)
0x15
Stereo line in (CE device attached)
0x16
Mono line in (CE device attached)
0x17
SPDIF In (electrical)
0x18
SPDIF In (TOS)
0x19
Headset (mono speaker left channel and mic.) Read Functions 0 to 3 for matching
DAC out
0x1A
Allows a vendor to report sensing other types of devices/peripherals. SR [5:0]
together with OR [1:0] provide information regarding the type of device sensed
0x1B–0x1E
Reserved
0x1F
Unknown (use fingerprint)
ST [2:0]
(Connector/Jack
location Bits,
Read/Write)
This field describes the location of the jack in the system. This field is updated by the BIOS. These bits are only reset by a
power-on reset because it is typically written by the system BIOS and is not reset by codec hard or soft resets as long as
power remains applied to the codec.
ST [2:0]
Jack Location
0x0
Rear I/O panel
Power-on
default
0x1
Front panel
0x2
Motherboard
0x3
Dock/external
0x4–0x6
Reserved
0x7
No connection/unused I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com