Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices AD1986ABSTZ Datasheet HTML 20Page - Analog Devices AD1986ABSTZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
AD1986A
Rev. 0 | Page 17 of 56
Table 43. Microphone Selector
NID
Name
TID
Type
Description
0x0F
Microphone Selector
0x3
Audio Selector
Chooses the microphone inputs between the MIC_1/2 and
C/LFE pins. Contains the microphone gain boost amplifier.
Table 44. Line In Selector
NID
Name
TID
Type
Description
0x10
Line In Selector
0x3
Audio Selector
Chooses the line in inputs between the line in, surround and
MIC_1/2 pins.
Table 45. MIC_1/2 Swap
NID
Name
TID
Type
Description
0x11
MIC_1/2 Swap
0x3
Audio Selector
Swaps the left/right association of MIC_1/2 on the input pins
only. Allows up mix, spreading one microphone to both left
and right output channels.
Table 46. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
BIt
Response
(32 bits)
Description
Processing
Get
C--0x
N/A (0)
N/A (0)
Not supported. Writes have no effect, reads always return a 0.
Coefficient
Set
4--0x
N/A (0)
16
N/A (0)
Coefficient
Get
D--0x
N/A (0)
N/A (0)
Not supported. Writes have no effect, reads always return a 0.
Index
Set
5--0x
N/A (0)
8
N/A (0)
Processing
State
Get
0xF03
N/A (0)
Processing
State
Controls the up-mix function of the MIC_1/2 swap widget.
Up-Mix will spread the selected left channel (see the left/right swap
feature of the enable EAPD/BTL verb description) to both the left
and right channel outputs of this stereo widget.
Value
Processing State
Up-Mix Spreading
0x00
Off
Off
0x01
Benign
On
0x02
Benign
On
Set
0x703
Processing State
8
N/A (0)
Note that the AD1986 considers both on and benign states as
benign. If the on state is set, the AD1986 will set and return the
benign state.
Table 47. Record Selector
NID
Name
TID
Type
Description
0x12
Record Selector
0x3
Audio Selector
Chooses the analog source to the record ADCs.
Table 48. Microphone MixAmp
NID
Name
TID
Type
Description
0x13
Microphone MixAmp
0x3
Audio Selector
The microphone amplifier input to the analog mixer.
Table 49. Phone MixAmp
NID
Name
TID
Type
Description
0x14
Phone MixAmp
0x3
Audio Selector
The phone amplifier input to the analog mixer.
Table 50. CD MixAmp
NID
Name
TID
Type
Description
0x15
CD MixAmp
0x3
Audio Selector
The CD amplifier input to the analog mixer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com