Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices AD1986ABSTZ Datasheet HTML 37Page - Analog Devices AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices AD1986ABSTZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
AD1986A
Rev. 0 | Page 38 of 56
EQ DATA REGISTER (REGISTER 0x62)
This read/write register is used to transfer EQ biquad coefficients into memory. The register data is transferred to, or retrieved from, the
address pointed by the BCA bits in the EQ CNTRL register (0x60). Data will only be written to memory, if the EQM bit (Register 0x60
Bit 15) is asserted.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x62
EQ
Data
CFD15
CFD14
CFD13
CFD12
CFD11
CFD10
CFD9
CFD8
CFD7
CFD6
CFD5
CFD4
CFD3
CFD2
CFD1
CFD0
0xxxxx
Table 101.
Register
Function
CFD [15:0]
(Coefficient
Data)
The biquad coefficients are fixed point format values with 16 bits of resolution. The CFD15 bit is the MSB and the CFD0 bit is
the LSB.
MISC CONTROL BITS 2 (REGISTER 0x70)
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x70
Misc Control
Bits 2
x
x
x
MVREF
2
MVREF
1
MVREF
0
x
x
MMDIS
x
JSMAP
CVREF
2
CVREF
1
CVREF
0
x
x
0x0000
Table 102.
Register
Function
CVREF [2:0]
(C/LFE VREF_OUT
Control)
Sets the voltage/state of the C/LFE VREF_OUT signal. VREF_OUT is used to power microphone style devices
plugged into the connected jack circuitry. The VREF_OUT pin must be connected to both the left and right
channels through external resistors to function properly. Selections other than those defined are invalid and
should not be programmed.
C/LFE VREF_OUT Setting
CVREF [2:0]
5.0 AVDD
Default
000
Hi-Z
Default
001
2.25 V
010
0 V
100
3.70 V
JSMAP
(Jack Sense Mapping)
The AD1986A supports two different methods of mapping the JACK_SENSE_A/B resistor tree to bits JS [7:0]. Use
these bits to change from the default mapping to the alternate method.
JSMAP
Function
0
Default jack sense mapping
Default
1
Alternate jack sense mapping
MMDIS
(Mono Mute Disable)
Disables the automatic muting of the MONO_OUT pin by jack sense events (see advanced jack sense bits JS [3:0]
(0x76 D [05:04], 0x72 D [05:04]).
MMDIS
Function
0
Automute can occur
Default
1
Automute disabled
MVREF [2:0]
(MIC VREF_OUT)
Sets the voltage/state of the microphone VREF_OUT signal. VREF_OUT is used to power microphone-style devices
plugged into the connected jack circuitry. The VREF_OUT pin must be connected to both the left and right
channels through external resistors to function properly. Selections other than those defined are invalid and
should not be programmed.
MIC_1/2 VREF_OUT Setting
MVREF [2:0]
5.0 AVDD
000
Hi-Z
Default
001
2.25 V
010
0 V
100
3.70 V
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com