Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices AD1986ABSTZ Datasheet HTML 47Page - Analog Devices AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices AD1986ABSTZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
AD1986A
Rev. 0 | Page 48 of 56
PCI SUBSYSTEM VENDOR ID REGISTER (REGISTER 0x62, PAGE 01)
This register is only reset by power-on. It is used by the BIOS to store configuration information (per AC ’97 Revision 2.3 specification)
and must not be reset by soft or hardware resets.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x621
PCI
SVID
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
0xFFFF
Table 111.
Register
Function
PVI [15:0]
PCI Sub
System
Vendor ID
Optional per AC ‘97 specifications, should be implemented as read/write on AD1986A.
This field provides the PCI subsystem vendor ID of the audio or modem subassembly vendor (that is, CNR manufacturer,
motherboard vendor). This is not the codec vendor PCI vendor ID or the AC ’97 controller PCI vendor ID. If data is not
available it returns 0xFFFF.
PCI SUBSYSTEM DEVICE ID REGISTER (REGISTER 0x64, PAGE 01)
This register is only reset by power-on. It is used by the BIOS to store configuration information (per AC’97 v2.3 specification) and must
not be reset by soft or hardware resets.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x641
PCI SID
PI15
PI14
PI13
PI12
PI11
PI10
PI9
PI8
PI7
PI6
PI5
PI4
PI3
PI2
PI1
PI0
0xFFFF
Table 112.
Register
Function
PI [15:0]
(PCI Vendor
ID)
Optional per AC ‘97 specifications, should be implemented as read/write on the AD1986A. This field provides the PCI
subsystem ID of the audio or modem subassembly (that is, CNR model, motherboard SKU). This is not the codec vendor PCI
ID or the AC ’97 controller PCI ID. Information in this field must be available, because the AC ’97 controller reads when the
codec ready is asserted in the AC link. If data is not available, it should return 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com