Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 47Page - Analog Devices AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices AD1986ABSTZ Datasheet HTML 52Page - Analog Devices AD1986ABSTZ Datasheet HTML 53Page - Analog Devices AD1986ABSTZ Datasheet HTML 54Page - Analog Devices AD1986ABSTZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
AD1986A
Rev. 0 | Page 51 of 56
Register
Function
G [4:0]
(Gain Bits
(Read/Write))
The codec updates these bits with the gain value (dB relative to level-out) in 1.5 dBV increments, not including the volume
control gains. For example, if the volume gain is to 0 dB, then the output pin should be at the 0 dB level. Any difference in
the gain is reflected here. When relevant, the BIOS updates this bit to take into consideration external amplifiers or other
external logic that it knows about. G [3:0] indicates the magnitude of the gain. G [4] indicates whether the value is a gain or
attenuation—essentially it is a sign bit. These bits are only reset by a power-on reset because they are typically written by
the system BIOS and are not reset by codec hard or soft resets as long as power remains applied to the codec.
G4
G [3:0]
Gain/Attenuation (dB Relative to Level-Out)
0
0000
0 dB
0001
+1.5 dB
0
...
+1.5 dB × G [3:0]
1111
+24.0 dB
0001
−1.5 dB
1
...
−1.5 dB × G [3:0]
1111
−24.0 dB
x
Reserved
Default: 0
SENSE REGISTER (REGISTER 0x6A, PAGE 01)
This address represents multiple registers (one for each supported function code (FC [3:0] bits (0x66 D [04:01])). The ST [2:0] bits are
only reset by power-on. They are used by the BIOS to store configuration information (per AC ’97 Revision 2.3 specifications) and must
not be reset by soft, hard, or hardware resets. The remaining bits are the result of the last sense operation performed by the impedance
sensing circuitry.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x6A1
Sense
Register
ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR0
0xxxxx
Table 115.
Register
Function
Default
SR [5:0] (RO)
(Sense Result
Bits, RO)
These bits are used to report a vendor specific fingerprint or value (resistance, impedance, or
reactance). Used with the OR bits which are the multiplying factor.
Default: 0
These bits indicate the order the sense result bits SR [5:0] are using. For example, if measuring resistance SR = 1/OR =
11: the result is 1 kΩ.
OR [1:0]
Order Value
00
100—SR bits indicate the actual impedance in ohms
Default
01
101—SSR bits indicate the impedance in ohms × 10
10
102—SR bits indicate the impedance in ohms × 100
OR [1:0] (RO)
(Order Bits)
11
103—SSR bits indicate the impedance in ohms × 1,000
S [4:0] (RO)
Sensed bits meaning relates to the I/O being sensed as input or output. Read-only. Sensed bits (when output sense
cycle initiated). This field allows for the reporting of the type of output peripheral/device plugged in the jack. Values
specified below should be interrogated with the SR [5:0] and OR [1:0] for accurate reporting.
S [4:0]
Sense Value
0x00
Data not valid. Indicates that the reported value(s) is invalid
0x01
No connection. Indicates that there are no connected devices
Default
0x02
Indicates a specific fingerprint value for devices that are not specified or are
unknown
0x03
Speakers (8 Ω)
0x04
Speakers (4 Ω)
0x05
Powered speakers
0x06
Stereo headphone
0x07
SPDIF out (electrical)
0x08
SPDIF out (TOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com