Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 32Page - Analog Devices AD1986ABSTZ Datasheet HTML 33Page - Analog Devices AD1986ABSTZ Datasheet HTML 34Page - Analog Devices AD1986ABSTZ Datasheet HTML 35Page - Analog Devices AD1986ABSTZ Datasheet HTML 36Page - Analog Devices AD1986ABSTZ Datasheet HTML 37Page - Analog Devices AD1986ABSTZ Datasheet HTML 38Page - Analog Devices AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
AD1986A
Rev. 0 | Page 36 of 56
SPDIF CONTROL (REGISTER 0x3A)
Register 0x3A is a read/write register that controls SPDIF functionality and manages bit fields propagated as channel status (or subframe
in the V-case). With the exception of V, this register should only be written to when the SPDIF transmitter is disabled (SPDIF bit in
Register 0x2A is 0). This ensures that control and status information start up correctly at the beginning of SPDIF transmission.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x3A
SPDIF
Control
V
VCFG
SPSR
x
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
/AUDIO
PRO
20000x
Table 98.
Register
Function
Indicates professional use of the audio stream.
PRO
State
Default
0
Consumer use of channel
Default
PRO
(Professional)
1
Professional use of channel
Indicates that the data is PCM or another format (such as AC3).
/AUDIO
State
0
Data in PCM format
Default
/AUDIO
(Nonaudio)
1
Data in non-PCM format
Allows receivers to make copies of the digital data.
COPY
State
0
Copyright asserted
Default
COPY
(Copyright)
1
Copyright not asserted
Disables filter pre-emphasis.
PRE
State
0
Filter pre-emphasis is 50/15
µsec
Default
PRE
(Pre-emphasis)
1
No pre-emphasis
CC [6:0]
(Category Code)
Programmed according to IEC standards, or as appropriate.
L
(Generation Level)
Programmed according to IEC standards, or as appropriate.
Chooses between 48.0 kHz and 44.1 kHz S/PDIF transmitter rate.
SPSR
Transmit Sample Rate
0
44.1 kHz
SPSR
(SPDIF Transmit
Sample Rate)
1
48.0 kHz
Default
When asserted, this bit forces the SPDIF stream validity flag (Bit 28 within each SPDIF L/R subframe) to be controlled by the
validity bit (D15) in Register 0x3A (SPDIF control register).
VCFG
V
Validity Bit State
Reset Default: 0
0
0
Managed by codec error detection logic
Default
0
1
Forced high, indicating subframe data is
invalid
1
0
Forced low, indicating subframe data is valid
VCFG
(Validity Force Bit)
1
1
Forced high, indicating subframe data is
invalid
V
(Validity)
This bit affects the validity flag, (Bit 28 transmitted in each SPDIF L/R subframe) and enables the SPDIF transmitter to maintain
connection during error or mute conditions. Note that the VCFG bit (0x3A D14) will force the validity flag high (valid) or low
(invalid). See the VCFG bit description.
V
State
0
Each SPDIF subframe (L+R) has Bit 28 set to 1
Default
This tags both samples as invalid
1
Each SPDIF subframe (L+R) has Bit 28 set to 0 for valid data and 1 for invalid data (error condition)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com