Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 11Page - Analog Devices AD1986ABSTZ Datasheet HTML 12Page - Analog Devices AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices AD1986ABSTZ Datasheet HTML 18Page - Analog Devices AD1986ABSTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
AD1986A
Rev. 0 | Page 15 of 56
Table 29. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
BIt
Response
(32 Bits)
Description
Get
0xF04
N/A (0)
N/A (0)
The AD1986A has only a single SDI line, thus set SDI verbs are
ignored and get SDI verbs always return a 0.
SDI Select
Set
0x704
N/A (0)
8
N/A (0)
Processing
Coefficient
Get
C--0x
N/A (0)
Coefficient
Get/set the processing coefficient at the current coefficient index.
Index can be set by the “set coefficient index” verb.
The coefficient indexes and data are identical to the AC’ 97 Registers
0x60 and 0x62 definitions (see the EQ Control Register (Register
0X60) and EQ Data Register (Register 0X62) sections).
Note that the AD1986A does not automatically increment the
coefficient index. The index must be written for each coefficient that
is to be loaded or read.
Set
4--x
Coefficient
16
N/A (0)
Coefficient
Index
Get
D--0x
N/A (0)
Coefficient
Index
Get/set the processing coefficient index for the get/set Processing
Coefficient verb. The coefficient indexes and data are identical to the
AC’ 97 register 0x60 and 0x62 definitions. (see the EQ Control
Register (Register 0X60) and EQ Data Register (Register 0X62)
sections). Note that the AD1986A does not automatically increment
the coefficient index. The index must be written for each coefficient
that is to be loaded or read.
Set
5--0x
Coefficient Index
8
N/A (0)
Processing
State
Get
0xF03
N/A (0)
Processing
State
Processing states supported by the AD1986 Digital EQ:
Value
Processing
(EQM Bit [Inversed])
Symmetry (SYM Bit)
0x00
Off
On
0x01
Benign
On
0x02
Benign
On
0x80
Off
Off
0x81
Benign
Off
0x82
Benign
Off
Set
0x703
Processing State
8
N/A (0)
Note that the AD1986A considers states on and benign as both
benign. If the on state is set, the AD1986 will set and return the
benign state. States 0x00 or 0x80 must be set when loading
coefficients. Setting state 0x80 will load coefficients with SYM off.
Default state 0x00 is SYM on. When symmetry is on, only ½ of the
coefficients (one channel) need to be loaded.
Table 30. Surround DAC Audio Output
NID
Name
TID
Type
Description
0x04
Surround DAC Audio Output
0x0
Audio Output
Designates the surround channel DACs.
Table 31. ADI Specific Verb Support
Payload
Verb
G/S
VID
Description
Bit
Response
(32 Bits)
Description
SDI
Select
Get
0xF04
N/A (0)
N/A (0)
The AD1986 has a only single SDI line, thus set SDI verbs are ignored
and get SDI verbs always return a 0.
Set
0x704x
N/A (0)
8
N/A (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com