Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 39Page - Analog Devices AD1986ABSTZ Datasheet HTML 40Page - Analog Devices AD1986ABSTZ Datasheet HTML 41Page - Analog Devices AD1986ABSTZ Datasheet HTML 42Page - Analog Devices AD1986ABSTZ Datasheet HTML 43Page - Analog Devices AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices AD1986ABSTZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AD1986A
Rev. 0 | Page 43 of 56
MISC CONTROL BITS 1 (REGISTER 0x76)
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x76
Misc
Control
Bits 1
DACZ
AC97NC
MSPLT
SODIS
CLDIS
x
DMIX1
DMIX0
SPRD
2CMIC
SOSEL
SRU
LISEL1
LISEL0
MBG1
MBG0
6010
Table 106.
Register
Function
These two bits allow changing both MIC preamp gain blocks from the nominal 20 dB gain boost. Both MIC_1/2
and MIC_2 preamps will be set to the same selected gain. This gain setting takes affect only while Bit D6 (M20)
on the MIC volume register (0x0E) is set to 1, otherwise the MIC boost blocks have a gain of 0 dB.
MGB [1:0]
Microphone Boost Gain
Default
00
20 dB
Default
01
10 dB
10
30 dB
MBG [1:0]
(MIC Boost Gain Select
Register)
11
Reserved
Selects the source of the internal LINE_IN signals.
LISEL [1:0]
LINE_IN Selection
00
LINE_IN pins
Default
01
SURROUND pins—Places surround outputs in Hi-Z state
LISEL [1:0]
(LINE_IN Selector)
1x
MIC_1/2 pins
Controls all DAC sample rate locking.
SRU
Surround State
0
All DAC sample rates are locked to the front sample rate
SRU
(Sample Rate Unlock)
1
Front, surround, and LFE sample rates can be set independently
Default
Selects either the surround DAC or analog mixer as the source driving the SURROUND output pin amplifier.
SOSEL
Surround Source
0
Surround DACs
Default
SOSEL
(Surround Amplifier
Input Selection)
1
Analog Mixer
2CMIC
(2-Channel MIC Select)
Used in conjunction with the OMS [2:0] (0x74 D10:08]), MS (0x20 D08), and MMIX (0x7A D02) bits to set the
microphone selection. This bit enables simultaneous recording from MIC_1 and MIC_2 inputs, using a stereo
microphone array. If the MMIX (0x7A D02) bit is set, this bit is ignored.
2CMIC
2 Channel MIC State
0
Both outputs are driven by the left channel of the selector
Default
1
Stereo operation, the left and right channels are driven
separately
SPRD
(Spread Enable)
This bit enables spreading of 2-channel media to all 6-output channels. This function is implemented in the
analog section by using the output selector control lines for the center/LFE, surround, and LINE_OUT output
channels. The jack sense pins can also be set up to control (gate) this function, depending on the JSSPRD bit
(see Register 0x72). The SPRD bit operates independently and does not affect the LOSEL and HPSEL operation.
SPRD
Spread State
0
No spreading occurs unless activated by jack sense
Default
1
The SPDR selector drives the center and LFE outputs from the
MONO_OUT
CLDIS
(C/LFE Output Enable)
Controls the Hi-Z state of the SURROUND_L/R output pins. Pins are placed into a Hi-Z mode by software control
or when they are selected as inputs to the MIC_1/2 selector (see the OMS [2:0] Bits 740x D [10:08]).
CLDIS
C/LFE Output State
0
Outputs enabled
Default
1
Outputs tristated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com