Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 43Page - Analog Devices AD1986ABSTZ Datasheet HTML 44Page - Analog Devices AD1986ABSTZ Datasheet HTML 45Page - Analog Devices AD1986ABSTZ Datasheet HTML 46Page - Analog Devices AD1986ABSTZ Datasheet HTML 47Page - Analog Devices AD1986ABSTZ Datasheet HTML 48Page - Analog Devices AD1986ABSTZ Datasheet HTML 49Page - Analog Devices AD1986ABSTZ Datasheet HTML 50Page - Analog Devices AD1986ABSTZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
AD1986A
Rev. 0 | Page 47 of 56
Register
Function
SENSE_B: Select the style of switch used on the audio jacks connected to Sense B.
JSINVB
Jack Sense Invert—SENSE_B
0
JACK_SENSE_B
configured for
normally-open
(NO) switches
Default
JSINVB
(Jack Sense
Invert)
1
JACK_SENSE_B
configured for
normally-closed
(NC) switches
x
Reserved.
Default: 0
VENDOR ID REGISTERS (REGISTER 0x7C to 0x7E)
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7C
Vendor
ID 1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
0x4144
0x7E
Vendor
ID 2
T7
T6
T5
T4
T3
T2
T1
T0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
0x5378
Table 109.
Register
Function
S [7:0]
This register is ASCII encoded to A.
F [7:0]
This register is ASCII encoded to D.
T [7:0]
This register is ASCII encoded to S.
REV [7:0]
This register is set to 0x78, identifying the AD1986A.
CODEC CLASS/REVISION REGISTER (REGISTER 0x60)
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x601
Codec
Class/Rev
x
x
x
CL4
CL3
CL2
CL1
CL0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
0x0002
Table 110.
Register
Function
Default
RV [7:0]
(Revision ID:
(RO))
These bits specify a device specific revision identifier. The vendor chooses this value. Zero is an acceptable
value. This field should be viewed as a vendor defined extension to the codec ID. This number changes
with new codec stepping of the same codec ID. This number will increment with each stepping/rev. of the
codec chip.
The AD1986A will return 0x00 from this register. This is a codec vendor specific field to define software
compatibility for the codec. Software reads this field together with codec vendor ID (Register 0x7C–0x7E)
to determine vendor-specific programming interface compatibility. Software can rely on vendor specific
register behavior to be compatible among vendor codecs of the same class.
0x00
Field not implemented
CL [4:0]
(Codec
Compatibility
Class (RO))
0x01-0x1F
Vendor-specific compatibility class code
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com