Electronic Components Datasheet Search
  English  ▼

X  

AD1986ABSTZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 22Page - Analog Devices AD1986ABSTZ Datasheet HTML 23Page - Analog Devices AD1986ABSTZ Datasheet HTML 24Page - Analog Devices AD1986ABSTZ Datasheet HTML 25Page - Analog Devices AD1986ABSTZ Datasheet HTML 26Page - Analog Devices AD1986ABSTZ Datasheet HTML 27Page - Analog Devices AD1986ABSTZ Datasheet HTML 28Page - Analog Devices AD1986ABSTZ Datasheet HTML 29Page - Analog Devices AD1986ABSTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
AD1986A
Rev. 0 | Page 26 of 56
AUX VOLUME (REGISTER 0x16)
This register controls the AUX_IN gain and mute to the analog mixer section. The volume register contains five bits, generating
32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB. This does not control the record ADC gain (see Register 0x1C).
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x16
AUX
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 82.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from +12 dB to −34.5 dB. The least significant bit
represents −1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right
Volume)
1
x xxxx
Mute
L/RM
(Left/Right
Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0
FRONT DAC VOLUME (REGISTER 0x18)
This register controls the front DAC gain and mute to the analog mixer section. The volume register contains five bits, generating
32 volume steps of −1.5 dB each for a range of +12.0 dB to −34.5 dB.
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x18
Front DAC
Volume
LM
x
x
LV4
LV3
LV2
LV1
LV0
RM
x
x
RV4
RV3
RV2
RV1
RV0
0x8888
Table 83.
Register
Function
Controls the left/right channel gains of this input to the analog mixer from +12 dB to −34.5 dB. The least significant
bit represents −1.5 dB.
L/RM
L/RV [4:0]
Function
Default
0
0 0000
+12 dB gain
0
0 1000
0 dB
Default
0
1 1111
−34.5 dB attenuation
L/RV [4:0]
(Left/Right Volume)
1
x xxxx
Mute
L/RM
(Left/Right Mute)
Mutes the left/right channels independently.
Default: muted (0x1)
x
Reserved.
Default: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com