Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 5 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
7.5 Electrical Characteristics
at TA ≅ 25°C, VS = ±5 V, G = 1 V/V, RF = 0 Ω, RF = 250 Ω for G ≥ 2 V/V, RL = 100 Ω, and input and output referenced to
mid-supply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 200 mVPP, G = 1 V/V
600
MHz
VOUT = 200 mVPP, G = 2 V/V
250
VOUT = 200 mVPP, G = 10 V/V
25
Gain-bandwidth product
G >= 10 V/V
250
MHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP, G = 1 V/V
200
MHz
VOUT = 2 VPP, G = 2 V/V
165
VOUT = 4 VPP, G = 1 V/V
110
Bandwidth for 0.1-dB flatness
VOUT = 2 VPP
70
MHz
Peaking at G = 1 V/V
VOUT = 200 mVPP
0.6
dB
SR
Slew rate
VOUT = 1-V step, G = 2 V/V
550
V/µs
VOUT = 4-V step, G = 1V/V
750
tR, tF
Rise, fall time
VOUT = 200-mV step, G = 1 V/V, 10%–90%
0.8
ns
VOUT = 200-mV step, G = 2 V/V, 10%–90%
1.3
Settling time to 0.1%
VOUT = 2-V step, G = 1 V/V
7
ns
Settling time to 0.02%
VOUT = 2-V step, G = 2 V/V
16
ns
Overshoot
VOUT = 2-V step
6
%
Undershoot
VOUT = 2-V step
10
%
Output overdrive recovery time
VIN = ±2.5 V, G = 2 V/V
30
ns
HD2
Second-order harmonic distortion
f = 1 MHz, VOUT = 2 VPP, RL = 1 kΩ
–119
dBc
HD3
Third-order harmonic distortion
–130
HD2
Second-order harmonic distortion
f = 10 MHz, VOUT = 2 VPP, RL = 100 Ω
–75
dBc
HD3
Third-order harmonic distortion
–85
eN
Input voltage noise
f > 100 kHz
5.3
nV/√Hz
Voltage noise 1/f corner frequency
2
kHz
Input current noise
f > 100 kHz
11
fA/√Hz
DC PERFORMANCE
AOL
Open-loop voltage gain
VO = ±0.5 V
75
80
dB
VO = ±0.5 V, TA = –40°C to +85°C
70
VOS
Input-referred offset voltage
50
±250
µV
TA = –40°C to +85°C
±500
Input offset voltage drift(1)
TA = –40°C to +85°C
1
±3.5
µV/°C
IB
Input bias current
2
±20
pA
TA = –40°C to +85°C
±1000
IOS
Input offset current
1
±20
pA
TA = –40°C to +85°C
±500
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com