Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
7.6 Typical Characteristics (continued)
at TA ≅ 25°C , VS = ±5 V, G = 1 V/V, RF = 0 Ω, RF = 250 Ω for other gains, RL = 100 Ω, and input and output referenced to
mid-supply (unless otherwise noted)
Ambient Temperature (
C)
-40
-20
0
20
40
60
80
100
14
14.4
14.8
15.2
15.6
16
16.4
16.8
17.2
17.6
18
6 V
10 V
Figure 7-25. Quiescent Current Over Temperature
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
-5
-4
-3
-2
-1
0
1
2
3
4
5
TA = −40C
TA = 25C
TA = 85C
Figure 7-26. Output Voltage vs Output Current Over
Temperature
33 units, delta from 25°C
Figure 7-27. Input Offset Voltage vs Temperature
2400 units, μ = 37 μV, σ = 49 μV
Figure 7-28. Input Offset Voltage Histogram
Input offset voltage drift (
V/C)
0
1
2
3
4
5
6
7
8
9
10
11
12
38 units, μ =
-0.9 μV/°C, σ = 0.55 μV/°C
Figure 7-29. Input Offset Voltage Drift Histogram
Common-Mode Voltage (V)
-4.4 -3.6 -2.8
-2
-1.2 -0.4
0.4
1.2
2
2.8
3.6
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
−40
C
25
C
85
C
Figure 7-30. Input Offset Voltage vs Common-Mode Voltage
Over Temperature
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com