Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
8.3.2 FET-Input Architecture With Wide Gain-Bandwidth Product
Figure 8-4 shows the open-loop gain and phase response of the OPA814. The GBWP of an op amp is measured
in the 20
‑dB/decade constant slope region of the AOL magnitude plot. The open-loop gain of 60 dB for the
OPA814 is along this 20
‑dB/decade slope, and the corresponding frequency intercept is at 250 kHz. Converting
60 dB to linear units (1000 V/V) and multiplying the open-loop gain with the 250-kHz frequency intercept gives
the GBWP of OPA814 as 250 MHz. As is inferred from the AOL Bode plot, the second pole in the AOL response
occurs after AOL magnitude drops to less than 0 dB (1 V/V). This occurrence results in a phase change of less
than 180° at 0
‑dB AOL, indicating that the amplifier will be stable in a gain of 1 V/V. Amplifiers such as the
OPA814 that are JFET input, low noise, and unity-gain stable can be used as high input-impedance buffers and
gain stages with minimal degradation in SNR. The OPA814 has 600 MHz of SSBW in gain of 1
‑V/V configuration
with approximately 65° of phase margin.
The low input offset voltage and offset voltage drift of the OPA814 make the device an excellent amplifier
for high-precision, high input-impedance, wideband data-acquisition-system front-ends. Figure 9-2 shows that
the system benefits from the low-noise JFET input stage with picoamperes of input bias current to achieve
higher precision at the 1-MΩ input impedance setting, and higher SNR at the 50-Ω input impedance setting
simultaneously in a typical data-acquisition front-end circuit.
Frequency (Hz)
-20
-195
-10
-180
0
-165
10
-150
20
-135
30
-120
40
-105
50
-90
60
-75
70
-60
80
-45
90
-30
100
-15
110
0
120
15
1k
10k
100k
1M
10M
100M
1G
AOL Magnitude (dB)
AOL Phase ()
RL = 100 Ω
Figure 8-4. Open-Loop Gain Magnitude and Phase
vs Frequency
RL = 100 Ω
Figure 8-5. Open-Loop Gain Magnitude
vs Temperature
8.4 Device Functional Modes
The OPA814 has a single functional mode and is operational when the power-supply voltage is greater than 6 V.
The maximum power supply voltage for the OPA814 is 12.6 V (±6.3 V). The OPA814 can be operated on both
single and dual supplies.
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com