Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 1 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
1 Features
• Wide bandwidth:
– Gain-bandwidth product: 250 MHz
– Bandwidth (G = 1 V/V): 600 MHz
– Large-signal bandwidth (2 VPP): 200 MHz
– Slew rate: 750 V/µs
• High precision:
– Input offset voltage: 250 μV (maximum)
– Input offset voltage drift: 3.5 μV/°C (maximum)
• Input voltage noise: 5.3 nV/√Hz
• Input bias current: 2 pA
• Low distortion (RL = 100 Ω, VO = 2 VPP):
– HD2, HD3 at 10 MHz: –75 dBc, –85 dBc
• Supply range: 6 V to 12.6 V
• Supply current: 16 mA
• Performance upgrade to OPA656
2 Applications
• High-speed data acquisition (DAQ)
• Active probes
• Oscilloscopes
• Optical communication modules
• Test and measurement front-ends
• Medical and chemical analyzers
• Optical time-domain reflectometry (OTDR)
3 Description
The OPA814 is a unity-gain stable, voltage-feedback
operational amplifier for high-speed, high-precision,
and wide-dynamic-range applications.
The OPA814 has a low-noise junction gate field-effect
transistor (JFET) input stage that features a wide gain
bandwidth of 250 MHz and a supply range from 6 V to
12.6 V. The fast slew rate of 750 V/µs allows a wide
large-signal bandwidth and low distortion when used
as high impedance buffer in high-speed digitizers,
active probes, and other test and measurement
applications.
The OPA814 offers extremely low input offset
voltage of ±250 μV and offset voltage drift of
±3.5-μV/°C. The combination of picoamperes of
input bias current and low input voltage noise
(5.3 nV/√Hz) makes the OPA814 an excellent
wideband transimpedance amplifier in optical test and
communication equipment, as well as medical and
scientific instrumentation.
The OPA814 is available in an 8-pin SOIC package.
This device is specified to operate over the industrial
temperature range of –40°C to +85°C.
Package Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA814
D (SOIC, 8)
4.90 mm × 3.91 mm
DBV (SOT-23, 5)(3)
2.90 mm × 1.60 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
See the Device Comparison Table.
(3)
Preview package (not Production Data).
VREF
+
–
ADC
RG1
RG2
RF1
RF2
+
–
VCM
+5 V
5 V
OPA814
Input
THS4541
ADS4149
High-Input-Impedance Digitizer Front-End
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
G = 1 V/V, VOUT = 2 VPP
Large-Signal Frequency Response
OPA814
SBOSA14 – APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPA656

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656 TI-OPA656 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA656 BURR-BROWN-OPA656 Datasheet
362Kb / 18P
Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA656

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA817 TI-OPA817 Datasheet
1Mb / 25P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
JULY 2022
OPA817 TI-OPA817_V01 Datasheet
2Mb / 30P
OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED DECEMBER 2022
OPA814 TI1-OPA814_V01 Datasheet
1Mb / 34P
OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com