Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Wideband, High-Input Impedance DAQ Front-End
The OPA814 features a unique combination of high GBWP, low-input voltage noise, and the dc precision of
a trimmed JFET-input stage to provide a high input impedance for a voltage-feedback amplifier. Figure 9-2
shows how the very high GBWP of 250 MHz and high large signal bandwidth of 200 MHz are used to either
deliver wide signal bandwidths at high gains or to extend the achievable bandwidth or gain in typical high-speed,
high-input-impedance data-acquisition front-end applications. To achieve the full performance of the OPA814,
careful attention to the printed circuit board (PCB) layout and component selection is required, as discussed in
the following sections of this data sheet. The OPA814 also features a wider supply range, thereby enabling a
wider common-mode input range to support higher input-signal swings.
Figure 9-1 shows the noninverting gain of a +2
‑V/V circuit used as the basis for most of the Typical
Characteristics. Most of the curves are characterized using signal sources with 50-Ω driving impedance, and
with measurement equipment presenting a 50-Ω load impedance. As Figure 9-1 shows, the 49.9-Ω shunt
resistor at the VIN terminal matches the source impedance of the test generator, while the 49.9-Ω series resistor
at the VO terminal provides a matching resistor for the measurement equipment load. Generally, data-sheet
voltage-swing specifications are at the output pin (VO in Figure 9-1); whereas, output power specifications are at
the matched 50-Ω load. Figure 9-1 shows that the total 100-Ω load at the output combined with the 500-Ω total
feedback network load presents the OPA814 with an effective output load of 83.3 Ω for the circuit.
R
F
250
–5 V
5 V
R
G
250
0.01 μF
0.22 μF
0.01 μF
0.22 μF
49.9
V
IN
V
O
49.9
+
–
50-
Source
50-
Load
OPA814
Figure 9-1. Noninverting G = +2 V/V Configuration
and Test Circuit
–5 V
5 V
V
IN
V
OUT
+
–
To FDA or VGA
0.22 μF
0.01 μF
0.22 μF
0.01 μF
OPA814
50
1 M
Figure 9-2. High Input Impedance DAQ Front-End
Voltage-feedback operational amplifiers, unlike current-feedback amplifiers, use a wide range of resistor values
to set the gain. As Figure 9-1 shows, the parallel combination of RF || RG must always be kept to a lower value
to retain a controlled frequency response for the noninverting voltage amplifier. In the noninverting configuration,
the parallel combination of RF || RG form a pole with the parasitic input capacitance at the inverting node of the
OPA814 (including layout parasitic capacitance). For best performance, this pole must be at a frequency greater
than the closed-loop bandwidth for the OPA814.
OPA814
SBOSA14 – APRIL 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com