Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7.6 Typical Characteristics
at TA ≅ 25°C , VS = ±5 V, G = 1 V/V, RF = 0 Ω, RF = 250 Ω for other gains, RL = 100 Ω, and input and output referenced to
mid-supply (unless otherwise noted)
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
1G
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VOUT = 200 mVPP
Figure 7-1. Noninverting Small-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
1G
G = −1 V/V
G = −2 V/V
G = −5 V/V
G = −10 V/V
VOUT = 200 mVPP
Figure 7-2. Inverting Small-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
Figure 7-3. Noninverting Large-Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
6
100k
1M
10M
100M
1G
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
G = –1 V/V
Figure 7-4. Inverting Large-Signal Frequency Response
Frequency (Hz)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
100k
1M
10M
100M
1G
VOUT = 0.5 VPP
VOUT = 1 VPP
VOUT = 2 VPP
VOUT = 4 VPP
Figure 7-5. Gain Flatness vs Frequency
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
G = −5 V/V
G = −1 V/V
G = 1 V/V
G = 2 V/V
G = 10 V/V
VOUT = 2 VPP
Figure 7-6. Large-Signal Frequency Response Over Gain
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com