Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
9.2 Typical Application
9.2.1 High-Input-Impedance, 180-MHz, Digitizer Front-End Amplifier
The OPA814 wide, large-signal bandwidth and high-slew rate along with high-input impedance make this device
an excellent choice for data-acquisition systems. The trimmed dc precision of the OPA814 enables the device to
be used directly as a front-end amplifier where low offset and offset voltage drift are required.
–5 V
5 V
V
IN
V
OUT
+
–
0.22 μF
0.01 μF
0.22 μF
0.01 μF
OPA814
50
900 k
100 k
R
S
100
To FDA or VGA
Figure 9-4. High-Input-Impedance, 180-MHz, Digitizer Front-End Amplifier
9.2.1.1 Design Requirements
Table 9-1 lists the design requirements for a high-input-impedance, 180-MHz, digitizer front-end amplifier.
Table 9-1. Design Requirements
PARAMETER
VALUE
Input impedance
1 MΩ or 50 Ω
Input range
1-MΩ setting
20 VPP
50-Ω setting
2 VPP
Offset drift
3.5 µV/°C, maximum
Noise at highest resolution (50-Ω Input)
90 µVRMS
9.2.1.2 Detailed Design Procedure
The following bullets list the considerations for this design example:
• Input Impedance: The JFET-input stage of the OPA814 offers gigaohms of input impedance, and therefore
enables the front-end to be terminated with a 1-MΩ resistor while achieving excellent precision. A 50-Ω
resistance can also be switched in, offering matched termination for high-frequency signals. Thus, the
OPA814 enables the designer to use both 1-MΩ and 50-Ω termination in the same signal chain.
• Noise: The total noise of the front-end amplifier is a function of the voltage and current noise of the OPA814,
input termination, and the resistors thermal noise. However, in 50-Ω mode, the dominant noise source is
contributed by the voltage noise of the OPA814 due to the presence of voltage noise across the complete
bandwidth. Therefore, the total RMS noise of the front-end amplifier is approximately equal to the voltage
noise of the OPA814 over 180 MHz.
The specified input-referred voltage noise of the OPA814 is 5.3 nV/√Hz; see also Section 7.5. The total
integrated RMS noise at the input in a bandwidth of 180 MHz is given by the following equation:
ENRMS=5.3 nV/ Hz × 180 MHz ×1.57 =90 μVRMS
(2)
The brickwall correction factor of 1.57 is applied, assuming the bandwidth is limited to 180 MHz with a
single-pole RC filter before digitizing the signal with the ADC. Detailed calculations are found at TI Precision
Labs – Op Amp Noise: Spectral Density.
OPA814
SBOSA14 – APRIL 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com