Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
8 Detailed Description
8.1 Overview
The OPA814 is a high-voltage, unity-gain-stable, 250-MHz gain bandwidth product (GBWP), voltage-feedback
operational amplifier (op amp) featuring a 5.3
‑nV/√Hz, low-noise JFET input stage. The low offset voltage
(250 μV, maximum), offset voltage drift (3.5 μV/°C, maximum), and unity gain bandwidth of 600 MHz makes this
device an excellent choice for high input impedance, high-speed data acquisition front-ends. The high-voltage
capability combined with the 750
‑V/µs slew rate enables applications needing wide output swings (9 VPP at
VS = 12 V) for high-frequency signals such as those often found in medical instrumentation, optical front-ends,
test, and measurement applications. The low-noise JFET input with picoamperes of bias current makes this
device attractive in high-gain TIA applications, and in test and measurement front-ends.
The OPA814 is built using TI's proprietary high-voltage, high-speed, complementary bipolar SiGe process.
8.2 Functional Block Diagram
The OPA814 is a conventional voltage-feedback op amp with two high-impedance inputs and a low-impedance
output. Figure 8-1 and Figure 8-2 show two standard amplifier configuration examples that are supported for this
device. The reference voltage (VREF) level shifts the dc operating point for each configuration, which is typically
set to mid-supply in single-supply operation. VREF is typically set to ground in split-supply applications.
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
(1 + RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-1. Noninverting Amplifier
+
±
VIN
RG
VREF
VREF
RF
VSIG
VREF
±(RF / RG) × VSIG
VOUT
VS+
VS±
Figure 8-2. Inverting Amplifier
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com