Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments OPA656 Datasheet HTML 10Page - Texas Instruments OPA656 Datasheet HTML 11Page - Texas Instruments OPA656 Datasheet HTML 12Page - Texas Instruments OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
7.6 Typical Characteristics (continued)
at TA ≅ 25°C , VS = ±5 V, G = 1 V/V, RF = 0 Ω, RF = 250 Ω for other gains, RL = 100 Ω, and input and output referenced to
mid-supply (unless otherwise noted)
Time (ns)
0
50
100
150
200
250
300
350
400
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Input x −1
Output
G =
-1 V/V
Figure 7-19. Inverting Output Overdrive Recovery
Frequency (Hz)
1
2
3
5
7
10
20
30
50
70
100
10
100
1k
10k
100k
1M
Figure 7-20. Voltage Noise Density vs Frequency
Frequency (Hz)
10k
100k
1M
10M
100M
1
10
100
1k
10k
Figure 7-21. Current Noise Density vs Frequency
Figure 7-22. Common-Mode and Power-Supply Rejection Ratio
vs Frequency
Frequency (Hz)
-20
-195
-10
-180
0
-165
10
-150
20
-135
30
-120
40
-105
50
-90
60
-75
70
-60
80
-45
90
-30
100
-15
110
0
120
15
1k
10k
100k
1M
10M
100M
1G
AOL Magnitude (dB)
AOL Phase ()
RL = 1 GΩ
Figure 7-23. Open-Loop Gain Magnitude and Phase vs
Frequency
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1G
1
10
100
1k
10k
ZOL
ZCL
Figure 7-24. Open-Loop and Closed-Loop Output Impedance vs
Frequency
OPA814
SBOSA14 – APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com