Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments OPA656 Datasheet HTML 23Page - Texas Instruments OPA656 Datasheet HTML 24Page - Texas Instruments OPA656 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
9.4.1.1 Thermal Considerations
The OPA814 does not require heat sinks or airflow in most applications. The maximum allowed junction
temperature sets the maximum allowed internal power dissipation, as described in the following paragraph.
Do not allow the maximum junction temperature to exceed 150°C.
The operating junction temperature (TJ) is given by TA + PD × RθJA. The total internal power dissipation (PD)
is the sum of quiescent power (PDQ), and additional power dissipated in the output stage (PDL) to deliver load
power. Quiescent power is the specified no-load supply current times the total supply voltage across the part.
PDL depends on the required output signal and load, but for a grounded resistive load, PDL is at a maximum
when the output is fixed at a voltage equal to 1/2 of either supply voltage (for balanced, bipolar supplies). Under
this condition, PDL = VS 2 / (4 × RL), where RL includes feedback network loading.
Be aware that the power in the output stage, and not into the load, determines internal power dissipation.
As a worst-case example, compute the maximum TJ using OPA814 in the circuit of Figure 9-1 operating at the
maximum specified ambient temperature of +85°C and driving a grounded 100-Ω load.
PD = 10 V × 16 mA + 52 / (4 × (100 Ω || 500 Ω)) ≅ 235 mW
Maximum TJ = +85°C + (0.235 W × 122.9°C/W) = 113.9°C.
All actual applications operate at a lower internal power and junction temperature.
9.4.2 Layout Example
Use low-ESR, ceramic bypass
capacitor. Place as close to the
device as possible.
Place output resistors close to
output pin to minimize
parasitic capacitance.
Ground and power planes
removed from inner layers.
Ground fill on outer layers also
removed.
Ground and power planes exist on
inner layers.
Place bypass capacitors
close to power pins.
Remove GND and power planes
under output and inverting pins to
minimize stray PCB capacitance.
CBYP
RF
RG
+
–
VS–
CBYP
VS+
Representative Schematic
1
8
2
7
3
6
4
5
RS
CBYP
CBYP
RS
Remove GND and power planes
under output and inverting pins to
minimize stray PCB capacitance.
Place input resistor close to pin 2 to
minimize parasitic capacitance.
Place feedback resistor on the
bottom of PCB between pins 2 and 6.
RG
Figure 9-7. Layout Recommendation
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com