Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 13Page - Texas Instruments OPA656 Datasheet HTML 14Page - Texas Instruments OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
9.1.2 Wideband, Transimpedance Design Using the OPA814
The OPA814 design is optimized for wideband, low-noise transimpedance applications with high GBWP,
low input voltage, low current noise, and low input capacitance. The high-voltage capability allows greater
flexibility of supply voltages along with wider output voltage swings. Figure 9-3 shows an example circuit of a
typical photodiode amplifier circuit. Figure 9-3 shows that the photodiode is generally reverse biased in a TIA
application, so that the photodiode current in the circuit flows into the op-amp feedback path. This polarity of the
current results in an output voltage that reduces from VREF with increasing photodiode current. In this type of
configuration, and depending on the application needs, VREF can be biased closer to VS+ to achieve the desired
output swing. Consider the common-mode input range when VREF bias is used so that the common-mode input
voltage stays within the valid range of the OPA814.
The key design elements that determine the closed-loop bandwidth, f–3dB, of the circuit are as follows:
1. The op amp GBWP
2. The transimpedance gain, RF
3. The total input capacitance, CTOT, that includes photodiode capacitance, input capacitance of the amplifier
(common-mode and differential capacitance), and PCB parasitic capacitance
V
O
5 V
–5 V
+
–
R
F
C
F
V
BIAS
OPA814
V
REF
C
TOT
Figure 9-3. Wideband, Low-Noise, Transimpedance Amplifier
Equation 1 shows the relationship between the three key design elements for a Butterworth response.
f–3dB=  GBWP
2×π×RF×CTOT
(1)
The feedback resistance (RF) and the total input capacitance (CTOT) form a zero in the noise gain, and
results in instability if left uncompensated. To counteract the effect of the zero, a pole is inserted in the noise
gain by adding the feedback capacitor (CF). The Transimpedance Considerations for High-Speed Amplifiers
application report discusses theories and equations that show how to compensate a transimpedance amplifier
for a particular gain and input capacitance. The bandwidth and compensation equations from the application
report are available in a Microsoft Excel™ calculator. A link to the calculator is provided in What You Need To
Know About Transimpedance Amplifiers – Part 1. The details of maximizing the dynamic range of TIA front-ends
are provided in the Maximizing the Dynamic Range of Analog TIA Front-End application note.
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com