Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments OPA656 Datasheet HTML 23Page - Texas Instruments OPA656 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
9.3 Power Supply Recommendations
The OPA814 is intended to operate on supplies ranging from 6 V to 12.6 V. The OPA814 supports single-supply,
split, balanced, and unbalanced bipolar supplies. When operating at supplies less than 8 V, consider the
input common-mode range of the amplifier. Under these supply conditions, the common-mode must be biased
appropriately for linear operation. Therefore, the limit to lower supply-voltage operation is the usable input
voltage range for the JFET-input stage.
9.4 Layout
9.4.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPA814 requires careful attention to
board layout parasitics and external component types. Recommendations that optimize performance include the
following:
1. Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability. On the noninverting input, parasitic capacitance can
react with the source impedance to cause unintentional band-limiting. Ground and power metal planes act as
one of the plates of a capacitor, while the signal trace metal acts as the other separated by PCB dielectric.
To reduce this unwanted capacitance, minimize the routing of the feedback network. A plane cutout around
and underneath the inverting input pin on all ground and power planes is recommended. Otherwise, make
sure that ground and power planes are unbroken elsewhere on the board.
2. Minimize the distance (less than 0.25 inches) from the power-supply pins to high-frequency
decoupling capacitors. Use high-quality, 100-pF to 0.1-µF, C0G- and NPO-type decoupling capacitors.
These capacitors must have voltage ratings at least three times greater than the amplifiers maximum power
supplies to provide a low-impedance path to the amplifiers power-supply pins across the amplifiers gain
bandwidth specification. At the device pins, do not allow the ground and power plane layout to be in close
proximity to the signal I/O pins. Avoid narrow power and ground traces to minimize inductance between
the pins and the decoupling capacitors. Larger (2.2-µF to 6.8-µF) decoupling capacitors, effective at lower
frequencies, must be used on the supply pins. These larger capacitors can be placed further from the device
and shared among several devices in the same area of the PCB.
3. Careful selection and placement of external components preserves the high-frequency performance
of the OPA814. Use low-reactance resistors. Small form-factor, surface-mount resistors work best and allow
a tighter overall layout. The output pin and inverting input pin are the most sensitive to parasitic capacitance;
therefore, always position the feedback and series output resistor, if any, as close as possible to the inverting
input and the output pin, respectively.
Place other network components, such as noninverting input termination resistors, close to the package.
Even with a low parasitic capacitance at the noninverting input, high external resistor values can create
significant time constants that can degrade performance. When the OPA814 is configured as a conventional
voltage amplifier, keep the resistor values as low as possible and consistent with the load driving
considerations. Decreasing the resistor values keeps the resistor noise terms low and minimizes the effect of
the parasitic capacitance. However, lower resistor values increase the dynamic power consumption because
RF and RG become part of the output load network of the amplifier.
OPA814
SBOSA14 – APRIL 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com