Electronic Components Datasheet Search
  English  ▼

X  

OPA656 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA656 Datasheet HTML 15Page - Texas Instruments OPA656 Datasheet HTML 16Page - Texas Instruments OPA656 Datasheet HTML 17Page - Texas Instruments OPA656 Datasheet HTML 18Page - Texas Instruments OPA656 Datasheet HTML 19Page - Texas Instruments OPA656 Datasheet HTML 20Page - Texas Instruments OPA656 Datasheet HTML 21Page - Texas Instruments OPA656 Datasheet HTML 22Page - Texas Instruments OPA656 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
• Optimizing Overshoot: The OPA814 features an internal slew-boost circuit to deliver fast rise-time in
applications that require high slew rates, such as when configured as a transimpedance amplifier. For
applications where overshoot must be limited, limit the input slew rates by introducing a series resistance
(RS); see also Figure 9-4. Resistor RS forms a low-pass filter with an input capacitance of approximately 2.5
pF at the noninverting pin of the OPA814, thus limiting the input slew rate to the amplifier. Figure 9-5 shows
how limiting the input slew rate to the amplifier results in good overshoot performance. Figure 9-6 shows how
this configuration achieves a small-signal and large-signal bandwidth of 180 MHz.
9.2.1.3 Application Curves
Figure 9-5. Step Response of Digitizer Front-End
Frequency (Hz)
-18
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
VOUT = 100 mVPP
VOUT = 1 VPP
Figure 9-6. Frequency Response for RS = 250 Ω
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com