Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA700 Datasheet HTML 2Page - Texas Instruments INA700 Datasheet HTML 3Page - Texas Instruments INA700 Datasheet HTML 4Page - Texas Instruments INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
at TA = 25 °C, VS = 3.3 V, ISENSE = 0 A, VCM = VIN– = VBUS= 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
Measurement range
–40
+125
°C
Temperature accuracy
TA = 25°C
±0.15
±1.5
°C
TA= –40°C to +125°C
±0.2
±2.5
°C
INTEGRATED SHUNT
Internal kelvin resistance
TA = 25°C
2
mΩ
Pin to pin package resistance
IN+ to IN–, TA = 25°C
2.2
3.5
4.3
mΩ
Maximum continuous current
TA = 25°C
±15
A
TA = 65°C
±10
A
Short time overload change
ISENSE = 20 A for 5 seconds
±0.02%
Change due to thermal shock
–55°C ≤ TA ≤ 125°C, 700 cycles
±0.35%
Resistance change to solder heat
260°C solder, 10 s
±0.025%
Load life change
1000 hours, TJ = 150°C, ISENSE = 7A, 100%
loading
±0.73%
High temperature exposure change
1000 hours, TA = 150°C
±0.68%
Cold temperature storage change
24 hours, TA = –65°C
±0.2%
POWER SUPPLY
VS
Supply voltage
2.7
5.5
V
IQ
Quiescent current
VSENSE = 0 V
640
750
µA
VSENSE = 0 V, TA = –40°C to +125°C
1.1
mA
IQSD
Quiescent current, shutdown
Shutdown mode
2.8
5
µA
TPOR
Device start-up time
Power-up (NPOR)
300
µs
From shutdown mode
60
DIGITAL INPUT / OUTPUT
VIH
Logic input level, high
SDA, SCL
1.2
5.5
V
VIL
Logic input level, low
GND
0.4
V
VOL
Logic output level, low
IOL = 3 mA
GND
0.4
V
IIO_LEAK
Digital leakage input current
0 ≤ VIN ≤ VS
–1
1
µA
(1)
Includes solder down and silicon lifetime shifts. Shifts in the shunt are not included; see the Load Life specification for shunt aging
shifts.
(2)
Subject to oscillator accuracy and drift
INA700
SBOSAB4 – MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com