Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
7.3.3 Versatile Measurement Capability
While the INA700 operates from a 2.7-V to 5.5-V supply, the device can measure voltage and current on rails
as high as 40 V. The current is measured by sensing the voltage drop across a internal shunt resistor positioned
between the IN+ and IN– pins. The input stage of the INA700 is designed such that the input common-mode
voltage can be higher than the device supply voltage, VS. The supported common-mode voltage range of –0.3
V to +40 V at the input pins is designed for both high-side and low-side current measurements. There are no
special considerations for power-supply sequencing because the common-mode input range and device supply
voltage are independent of each other; therefore, the bus voltage can be present with the supply voltage off, and
vice-versa without damaging the device.
The device also measures the bus supply voltage through the IN– pin and temperature through the integrated
temperature sensor. The differential shunt voltage is measured between the IN+ and IN– pins, while the bus
voltage is measured with respect to device ground. Monitored bus voltages can range from 0 V to 40 V, while
monitored temperatures can range from –40°C to +125°C.
Shunt voltage, bus voltage, and temperature measurements are multiplexed internally to a single ADC as shown
in Figure 7-4.
IN+
IN-
VBUS
MUX digital
Control
Bus Voltage
Shunt Voltage
Temperature
ADC_IN+
ADC_IN-
To ADC Input
Integrated
Shunt Resistor
TEMP
Temperature
Sensor
Figure 7-4. High-Voltage Input Multiplexer
7.3.4 Internal Measurement and Calculation Engine
The current and charge are calculated after temperature and shunt voltage measurements, while the power and
energy are calculated after a bus voltage measurement. Power and energy are calculated based on the previous
current calculation and the latest bus voltage measurement.
The current, voltage, and temperature values are immediate results when the number of averages is set to one
(see Figure 7-5). However, when averaging is used, each ADC measurement is an intermediate result which is
stored in the corresponding averaging registers. Following every ADC sample, the newly-calculated values for
current, voltage, and temperature are appended to their corresponding averaging registers until the set number
of averages is achieved. After all of the samples have been measured, the average current and voltage is
determined, then the power is calculated and the results are loaded to the corresponding output registers where
they can then be read.
The energy and charge values are accumulated for each conversion cycle. Therefore the INA700 averaging
function is not applied to these.
Calculations for power, charge and energy are performed in the background and do not add to the overall
conversion time.
INA700
SBOSAB4 – MAY 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com