Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA700 Datasheet HTML 24Page - Texas Instruments INA700 Datasheet HTML 25Page - Texas Instruments INA700 Datasheet HTML 26Page - Texas Instruments INA700 Datasheet HTML 27Page - Texas Instruments INA700 Datasheet HTML 28Page - Texas Instruments INA700 Datasheet HTML 29Page - Texas Instruments INA700 Datasheet HTML 30Page - Texas Instruments INA700 Datasheet HTML 31Page - Texas Instruments INA700 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
8.1.2 Current and Power, Energy and Charge Calculations
The measured current can be read from the CURRENT register, where the final value is scaled by
CURRENT_LSB. Use Equation 2 to calculate the current in Amperes:
Current A =CURRENT_LSB×CURRENT
(2)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 24-bit value. Use Equation 3 to convert the power
value into Watts:
Power W =0.2×CURRENT_LSB×POWER
(3)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is the lsb size of the current measurement.
The energy value can be read from the ENERGY register as a 40-bit unsigned value in Joules units. Use
Equation 4 to convert the energy value into Joules:
Energy J =16×0.2×CURRENT_LSB×ENERGY
(4)
Upon overflow, the ENERGY register will roll over and start from zero. This register value can also be reset at
any time by setting the RSTACC bit in the CONFIG register.
The charge value can be read from the CHARGE register as a 40-bit, two's complement value in Coulombs. Use
Equation 5 to convert the charge value into Coulomb:
Charge C =CURRENT_LSB×CHARGE
16
(5)
where
• CHARGE is the value read from the CHARGE register.
• CURRENT_LSB is the lsb size for current..
An overflow event in the CHARGE register is indicated by the CHARGEOF bit. If an overflow condition occurs,
the CHARGE register needs to be manually reset by setting the RSTACC bit in the CONFIG register.
See Detailed Design Procedure for a design example using these equations.
8.1.3 ADC Output Data Rate and Noise Performance
The INA700 noise performance and effective resolution depend on the ADC conversion time. The device
also supports digital averaging which can further help decrease digital noise. The flexibility of the device to
select ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The INA700 effective resolution of the ADC can be
increased by increasing the conversion time and increasing the number of averages.
Table 8-2 shows the output data rate conversion settings supported by the device. The fastest conversion setting
is 50 µs. Typical noise-free resolution is represented as Effective Number of Bits (ENOB) based on device
measured data. The ENOB is calculated based on noise peak-to-peak values, which assures that full noise
distribution is taken into consideration. The conversion time for the temperature measurement is set to the
power-on default value.
INA700
SBOSAB4 – MAY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com