Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 1 Page - Texas Instruments

  INA700 Datasheet HTML 1Page - Texas Instruments INA700 Datasheet HTML 2Page - Texas Instruments INA700 Datasheet HTML 3Page - Texas Instruments INA700 Datasheet HTML 4Page - Texas Instruments INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™
Technology
1 Features
• Low loss integrated shunt resistor
– Internal resistance: 2 mΩ at TA = 25°C
– Current rating: ±15 A at TA = 25°C
• High-resolution, 16-bit delta-sigma ADC
– Wide common-mode range: –0.3 V to +40 V
– Reports current, bus voltage, power, internal
temperature, energy, and charge
– Programmable conversion time and averaging
• Current monitoring accuracy:
– Total Measurement Error: ±0.7% at 5 A
– Offset current: ±2 mA (maximum)
– Gain error: ±0.65% (maximum at 5 A)
– Gain error drift: ±10 ppm/°C (typical)
• Power monitoring accuracy:
– 1 % accuracy at 5 A (maximum)
• Energy and Charge accuracy:
– 1.5 % accuracy at 5 A (maximum)
• Fast Alert response
• Die temperature sensor: ±1.5°C (maximum)
• Precision oscillator: ±0.5% (maximum)
• 2.94-MHz High-Speed I2C interface with 4 pin-
selectable addresses
• Operates from a 2.7-V to 5.5-V supply
– Operational current: 640 µA (typical)
– Shutdown current: 5 µA (maximum)
2 Applications
• Notebook computers
• Smartphones
• Industrial battery packs
• DC-DC converters
• Enterprise servers
3 Description
The INA700 is a digital power monitor with an
integrated shunt resistor along with a 16- bit delta-
sigma ADC specifically designed for current sensing
applications. The device can measure full-scale
currents up to ±15.728 A with common-mode voltage
support from –0.3 V to +40 V.
The INA700 reports current, bus voltage, die
temperature, power, energy and charge accumulation
with a precision ±0.5% integrated oscillator, all
while performing the needed calculations in the
background. The integrated temperature sensor is
±1.5°C accurate for monitoring the internal die
temperature.
The low offset and gain drift design of the
INA700 allows use in systems that do not undergo
temperature calibration during manufacturing.
The device features selectable ADC conversion
times from 50 µs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data and allows for
optimization of overcurrent detection windows.
To minimize the solution size and maximize thermal
performance, the device is available in a tiny
PowerWCSP (DSBGA) package.
Package Information(1)
PART NUMBER
PACKAGE
SIZE (NOM)
INA700
PowerWCSP (8)
1.319 mm × 1.239 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Power
Current
I
2C / SMBus
Interface
Bus Voltage
GND
16 – bit
ADC
V
I
A0
ALERT
SDA
SCL
0.1 µF
Temperature
VS
Supply Voltage
(2.7 V to 5.5 V)
Common-mode Voltage
(-0.3 V to 40 V)
Energy
TI Device
IN+
Charge
IN-
±0.5%
Oscillator
Alert_Diag
Shunt TC
Compensation
Registers
V
I
Simplified Block Diagram
INA700
SBOSAB4 – MAY 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - INA700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA700 TI-INA700 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700AYWFR TI-INA700AYWFR Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results

Similar Description - INA700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com