Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA700 Datasheet HTML 4Page - Texas Instruments INA700 Datasheet HTML 5Page - Texas Instruments INA700 Datasheet HTML 6Page - Texas Instruments INA700 Datasheet HTML 7Page - Texas Instruments INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
7 Detailed Description
7.1 Overview
The INA700 device is a digital current sense amplifier with an I2C digital interface. The device measures shunt
voltage, bus voltage, and internal temperature while calculating current, power, energy and charge necessary for
accurate decision making in precisely controlled systems. Programmable registers allow flexible configuration for
measurement precision as well as continuous or triggered operation. See the Register Maps for detailed register
information.
7.2 Functional Block Diagram
Power
Current
I
2C / SMBus
Interface
Bus Voltage
GND
16 – bit
ADC
V
I
A0
ALERT
SDA
SCL
0.1 µF
Temperature
VS
Supply Voltage
(2.7 V to 5.5 V)
Common-mode Voltage
(-0.3 V to 40 V)
Energy
TI Device
IN+
Charge
IN-
±0.5%
Oscillator
Alert_Diag
Shunt TC
Compensation
Registers
V
I
7.3 Feature Description
7.3.1 Integrated Shunt Resistor
The INA700 is a precise, low-drift, digital power monitor that provides accurate measurements over the entire
specified ambient temperature range of –40°C to +125°C. The integrated current-sensing resistor is internally
compensated to provide measurement stability over temperature, while simplifying printed circuit board (PCB)
layout and size constraints. Figure 7-1 shows the device gain error as a function of current.
Shunt Current (A)
0
1
2
3
4
5
6
7
8
9
10
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Figure 7-1. Gain Error vs Shunt Current
INA700
SBOSAB4 – MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com