Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA700 Datasheet HTML 8Page - Texas Instruments INA700 Datasheet HTML 9Page - Texas Instruments INA700 Datasheet HTML 10Page - Texas Instruments INA700 Datasheet HTML 11Page - Texas Instruments INA700 Datasheet HTML 12Page - Texas Instruments INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
not keep track of elapsed time. For applications that require critical measurements in regards to accumulation of
time for energy and charge measurements, the device must be configured to use continuous conversion mode,
as the accumulated results are continuously updated and can provide true system representation of charge and
energy consumption in a system. All of the calculations are performed in the background and do not contribute to
conversion time.
For applications that must synchronize with other components in the system, the INA700 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0 ms (no delay) and 510
ms. The resolution in programming the conversion delay is 2 ms. The conversion delay is set to 0 by default.
Conversion delay can assist in measurement synchronization when multiple external devices are used for
voltage or current monitoring purposes. In applications where time aligned voltage and current measurements
are needed, two devices can be used with the current measurement delayed such that the external voltage and
current measurements will occur at approximately the same time. Keep in mind that even though the internal
time base for the ADC is precise, synchronization will be lost over time due to internal and external time base
mismatch.
7.3.5.1 Low Latency Digital Filter
The device integrates a low-pass digital filter that performs both decimation and filtering on the ADC output data,
which helps with noise reduction. The digital filter is automatically adjusted for the different output data rates
and always settles within one conversion cycle. The user has the flexibility to choose different output conversion
time periods TCT from 50 µs to 4.12 ms. With this configuration the first amplitude notch appears at the Nyquist
frequency of the output signal which is determined by the selected conversion time period (see Equation 1).
fNOTCH= 12×TCT
(1)
This means that the filter cut-off frequency will scale proportionally with the data output rate as described. Figure
7-6 shows the filter response when the 1.052 ms conversion time period is selected.
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
10k
100k
Frequency (Hz)
G001
Conversion time = 1.052 ms, single
conversion only
Figure 7-6. ADC Frequency Response
7.3.5.2 Flexible Conversion Times and Averaging
ADC conversion times for shunt voltage, bus voltage and temperature can be set independently from 50 μs to
4.12 ms. The flexibility in conversion time allows for robust operation in a variety of noisy environments. The
device also allows for programmable averaging times from a single conversion all the way to an average of
1024 conversions. The amount of averaging selected applies uniformly to all active measurement inputs. The
ADC_CONFIG register shown in Table 7-6 shows additional details on the supported conversion times and
averaging modes. The INA700 effective resolution of the ADC can be increased by increasing the conversion
time and increasing the number of averages. Figure 7-7 and Figure 7-8 both show the effect of conversion time
and averaging on a constant input signal.
INA700
SBOSAB4 – MAY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com