Electronic Components Datasheet Search
  English  ▼

X  

INA700 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA700
Description  INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA700 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA700 Datasheet HTML 13Page - Texas Instruments INA700 Datasheet HTML 14Page - Texas Instruments INA700 Datasheet HTML 15Page - Texas Instruments INA700 Datasheet HTML 16Page - Texas Instruments INA700 Datasheet HTML 17Page - Texas Instruments INA700 Datasheet HTML 18Page - Texas Instruments INA700 Datasheet HTML 19Page - Texas Instruments INA700 Datasheet HTML 20Page - Texas Instruments INA700 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
desired, it is not necessary to continually send the register pointer bytes; the device retains the register pointer
value until the value is changed by the next write operation.
Figure 7-10 shows the write operation timing diagram. Figure 7-11 shows the read operation timing diagram. The
following diagrams show reading and writing to 16-bit registers.
Register bytes are sent by most significant byte first, followed by the least significant byte.
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
ACK By
Secondary
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
Secondary
Stop By
Main
1
D7
D6
D5
D4
D3
D2
D1
D0
9
A.
The value of the Secondary Device Address byte is determined by the settings of the A0 address pin. See Table 7-2.
B.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-10. Timing Diagram for Write Word Format
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Main
ACK By
Secondary
ACK By
Main
From
Secondary
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14 D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Main
From
Secondary
1
9
D7
D6
D5
D4
D3
D2
D1
D0
A.
The value of the Secondary Device Address byte is determined by the settings of the A0 address pin. See Table 7-2.
B.
Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 7-12.
C.
ACK by the main device can also be sent.
D.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-11. Timing Diagram for Read Word Format
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
1
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
¢
A.
The value of the Secondary Device Address Byte is determined by the settings of the A0 and A1 pins. See Table 7-2.
Figure 7-12. Typical Register Pointer Set
7.5.1.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The main device
generates a start condition followed by a valid serial byte containing high-speed (HS) main device code
00001XXX. This transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400
kHz. The device does not acknowledge the HS main device code, but does recognize the code and switches
internal filters of the device to support 2.94-MHz operation.
The main device then generates a repeated start condition (a repeated start condition has the same timing
as the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.94 MHz are allowed. Instead of using a stop condition, use repeated start conditions
www.ti.com
INA700
SBOSAB4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com